Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C6V2 Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # BZT52C6V2
Description  0.5W Zener Diodes
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

BZT52C6V2 Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  BZT52C6V2 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd BZT52C6V2 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd BZT52C6V2 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Type
Number
Zener Voltage Range
(Note 2)
Maximum Zener
Impedance (Note 3)
Maximum
Reverse
Current
(Note 2)
Typical
Temperature
Coefficient
@IZTC
mV/
°C
Test
Current
IZTC
Vz @IZT
IZT
ZZT @ IZT ZZK @IZK
IZK
IR
@ VR
Nom (V)
Min (V)
Max (V)
mA
W
mA
uA
V
Min
Max
mA
BZT52C2V4
2.4
2.2
2.6
5
100
600
1.0
50
1.0
-3.5
0
5
BZT52C2V7
2.7
2.5
2.9
5
100
600
1.0
20
1.0
-3.5
0
5
BZT52C3V0
3.0
2.8
3.2
5
95
600
1.0
10
1.0
-3.5
0
5
BZT52C3V3
3.3
3.1
3.5
5
95
600
1.0
5.0
1.0
-3.5
0
5
BZT52C3V6
3.6
3.4
3.8
5
90
600
1.0
5.0
1.0
-3.5
0
5
BZT52C3V9
3.9
3.7
4.1
5
90
600
1.0
3.0
1.0
-3.5
0
5
BZT52C4V3
4.3
4.0
4.6
5
90
600
1.0
3.0
1.0
-3.5
0
5
BZT52C4V7
4.7
4.4
5.0
5
80
500
1.0
3.0
2.0
-3.5
0.2
5
BZT52C5V1
5.1
4.8
5.4
5
60
480
1.0
2.0
2.0
-2.7
1.2
5
BZT52C5V6
5.6
5.2
6.0
5
40
400
1.0
1.0
2.0
-2
2.5
5
BZT52C6V2
6.2
5.8
6.6
5
10
150
1.0
3.0
4.0
0.4
3.7
5
BZT52C6V8
6.8
6.4
7.2
5
15
80
1.0
2.0
4.0
1.2
4.5
5
BZT52C7V5
7.5
7.0
7.9
5
15
80
1.0
1.0
5.0
2.5
5.3
5
BZT52C8V2
8.2
7.7
8.7
5
15
80
1.0
0.7
5.0
3.2
6.2
5
BZT52C9V1
9.1
8.5
9.6
5
15
100
1.0
0.5
6.0
3.8
7.0
5
BZT52C10
10
9.4
10.6
5
20
150
1.0
0.2
7.0
4.5
8.0
5
BZT52C11
11
10.4
11.6
5
20
150
1.0
0.1
8.0
5.4
9.0
5
BZT52C12
12
11.4
12.7
5
25
150
1.0
0.1
8.0
6.0
10.0
5
BZT52C13
13
12.4
14.1
5
30
170
1.0
0.1
8.0
7.0
11.0
5
BZT52C15
15
13.8
15.6
5
30
200
1.0
0.1
10.5
9.2
13.0
5
BZT52C16
16
15.3
17.1
5
40
200
1.0
0.1
11.2
10.4
14.0
5
BZT52C18
18
16.8
19.1
5
45
225
1.0
0.1
12.6
12.4
16.0
5
BZT52C20
20
18.8
21.2
5
55
225
1.0
0.1
14.0
14.4
18.0
5
BZT52C22
22
20.8
23.3
5
55
250
1.0
0.1
15.4
16.4
20.0
5
BZT52C24
24
22.8
25.6
5
70
250
1.0
0.1
16.8
18.4
22.0
5
BZT52C27
27
25.1
28.9
2
80
300
0.5
0.1
18.9
21.4
25.3
2
BZT52C30
30
28.0
32.0
2
80
300
0.5
0.1
21.0
24.4
29.4
2
BZT52C33
33
31.0
35.0
2
80
325
0.5
0.1
23.1
27.4
33.4
2
BZT52C36
36
34.0
38.0
2
90
350
0.5
0.1
25.2
30.4
37.4
2
BZT52C39
39
37.0
41.0
2
130
350
0.5
0.1
27.3
33.4
41.2
2
Electrical Characteristics
Notes:
1. Device mounted on ceramic PCB; 7.6mm x 9.4mm x 0.87mm with pad areas 25mm2.
2. Short duration test pulse used to minimize self-heating effect.
3. f = 1kHz.
BZT52C2V4-BZT52C39
0.5W Zener Diodes
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - BZT52C6V2

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BZT52C6V2 WINNERJOIN-BZT52C6V2 Datasheet
457Kb / 4P
   Zener Voltage Regulators
logo
Diodes Incorporated
BZT52C6V2 DIODES-BZT52C6V2 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Vishay Siliconix
BZT52C6V2 VISHAY-BZT52C6V2 Datasheet
128Kb / 8P
   Small Signal Zener Diodes
Rev. 1.9, 08-Nov-16
logo
Guangdong Kexin Industr...
BZT52C6V2 KEXIN-BZT52C6V2 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
Microdiode Electronics ...
BZT52C6V2 CHENDA-BZT52C6V2 Datasheet
902Kb / 3P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - BZT52C6V2

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZMM55C LUGUANG-ZMM55C Datasheet
314Kb / 4P
   0.5W Zener Diodes
logo
Jinan Gude Electronic D...
1N957B JGD-1N957B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
1N5221THRU1N5281 CHENYI-1N5221THRU1N5281 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
BZX97 CHENYI-BZX97 Datasheet
37Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
Jinan Jingheng (Group) ...
1N746 JINANJINGHENG-1N746 Datasheet
99Kb / 2P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
1N5221A DAESAN-1N5221A Datasheet
352Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
logo
Micro Commercial Compon...
DL957B MCC-DL957B Datasheet
93Kb / 3P
   0.5W Silicon Planar Zener Diodes
logo
Jinan Jingheng (Group) ...
MM1Z2V0 JINANJINGHENG-MM1Z2V0 Datasheet
538Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
ZMM5221 JINANJINGHENG-ZMM5221 Datasheet
221Kb / 3P
   0.5W SILICON PLANAR ZENER DIODES
logo
DAESAN ELECTRONIC CORP.
GDZJ DAESAN-GDZJ Datasheet
402Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com