Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMBTA28-7 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # MMBTA28-7
Description  NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTA28-7 Datasheet(HTML) 3 Page - Diodes Incorporated

  MMBTA28-7 Datasheet HTML 1Page - Diodes Incorporated MMBTA28-7 Datasheet HTML 2Page - Diodes Incorporated MMBTA28-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DS30367 Rev. 2 - 2
3 of 3
MMBTA28
www.diodes.com
1
10
100
1000
100
1000
10000
100000
10000
I , COLLECTOR CURRENT (mA)
C
Fig. 4 Typical DC Current Gain
vs. Collector Current
V
= 5V
CE
T = 150°C
A
T = 25°C
A
T = -50°C
A
0.4
0.3
0.5
0.6
0.7
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
0.1
1
10
100
I , COLLECTOR CURRENT (mA)
C
Fig. 3 Typical Base-Emitter Voltage
vs. Collector Current
T = 150°C
A
T = 25°C
A
V
= 5V
CE
T = -50°C
A
1
10
100
1
10
100
1000
COLLECTOR CURRENT I (mA)
C
Fig. 5 Typical Gain Bandwidth Product
vs. Collector Current
V
= 5V
CE


Similar Part No. - MMBTA28-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBTA28-7-F DIODES-MMBTA28-7-F Datasheet
89Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 8 - 2
MMBTA28-7-F DIODES-MMBTA28-7-F Datasheet
110Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 9 - 2
MMBTA28-7-F DIODES-MMBTA28-7-F Datasheet
301Kb / 6P
   80V NPN DARLINGTON TRANSISTOR IN SOT23
More results

Similar Description - MMBTA28-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMSTA13 DIODES-MMSTA13_15 Datasheet
117Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
MMBTA28 DIODES-MMBTA28_2 Datasheet
110Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30367 Rev. 9 - 2
MMBTA13 DIODES-MMBTA13_15 Datasheet
120Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
MMST6427 DIODES-MMST6427_2 Datasheet
120Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
Rev. 10 - 2
logo
Micro Commercial Compon...
MMBTA28 MCC-MMBTA28_15 Datasheet
855Kb / 4P
   NPN Surface Mount Darlington Transistor
BCV47 MCC-BCV47 Datasheet
381Kb / 4P
   NPN Surface Mount Darlington Transistor
logo
Guangdong Kexin Industr...
MMSTA13 KEXIN-MMSTA13 Datasheet
72Kb / 3P
   NPN Surface Mount Darlington Transistor
logo
Diodes Incorporated
MMBT6427 DIODES-MMBT6427_1 Datasheet
166Kb / 4P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30048 Rev. 8 - 2
MMST6427 DIODES-MMST6427_1 Datasheet
360Kb / 3P
   NPN SURFACE MOUNT DARLINGTON TRANSISTOR
DS30166 Rev. 9 - 2
logo
Micro Commercial Compon...
MMBTA28 MCC-MMBTA28 Datasheet
220Kb / 4P
   NPN Surface Mount Darlington Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com