Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGE78M05 Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LGE78M05
Description  Maximum Output current
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

LGE78M05 Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  LGE78M05 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LGE78M05 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LGE78M05 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd LGE78M05 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd LGE78M05 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Dim.
mm.
inch.
Min.
Typ.
Max.
Min.
Typ.
Max.
A
330
12.992
C
12.8
13.0
13.2
0.504
0.512
0.519
D
20.2
0.795
N60
2.362
T22.4
0.882
Ao
6.80
6.90
7.00
0.268
0.272
0.2.76
Bo
10.40
10.50
10.60
0.409
0.413
0.417
Ko
2.55
2.65
2.75
0.100
0.104
0.105
Po
3.9
4.0
4.1
0.153
0.157
0.161
P
7.9
8.0
8.1
0.311
0.315
0.319
Tape & reel TO-252 mechanical data
Packaging mechanical data
LGE78M05/LGE78D05
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - LGE78M05

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LGE78M05 LUGUANG-LGE78M05_1 Datasheet
257Kb / 2P
   Three-terminal positive voltage regulator
More results

Similar Description - LGE78M05

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KOO CHIN ELECT...
78L05 KOOCHIN-78L05 Datasheet
1,004Kb / 1P
   Maximum Output current
logo
SHANGHAI BELLING CO., L...
BL78L05D BELLING-BL78L05D Datasheet
113Kb / 3P
   Maximum Output current - 0.1A
logo
Advanced Monolithic Sys...
AMS3120 ADMOS-AMS3120 Datasheet
409Kb / 9P
   2A maximum output current
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
   Maximum output current: 60 mA
logo
Broadcom Corporation.
ACPL-P345 BOARDCOM-ACPL-P345 Datasheet
1Mb / 17P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3180 IXYS-IX3180 Datasheet
254Kb / 11P
   2.5A Maximum Peak Output Current
logo
Gamma Microelectronics ...
GM6250H GAMMA-GM6250H Datasheet
523Kb / 9P
   Maximum output current up 300mA
logo
Lineage Power Corporati...
FLT007A0 LINEAGEPOWER-FLT007A0 Datasheet
530Kb / 12P
   75Vdc Input Voltage Maximum, 7A Output Current Maximum
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com