Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

821-SL135.0M-10B Datasheet(PDF) 1 Page - Oscilent Corporation

Part # 821-SL135.0M-10B
Description  135.0 MHz IF SAW Filter 10.0 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

821-SL135.0M-10B Datasheet(HTML) 1 Page - Oscilent Corporation

  821-SL135.0M-10B Datasheet HTML 1Page - Oscilent Corporation 821-SL135.0M-10B Datasheet HTML 2Page - Oscilent Corporation 821-SL135.0M-10B Datasheet HTML 3Page - Oscilent Corporation 821-SL135.0M-10B Datasheet HTML 4Page - Oscilent Corporation 821-SL135.0M-10B Datasheet HTML 5Page - Oscilent Corporation 821-SL135.0M-10B Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Oscilent Corporation
PRODUCT SPECIFICATION
Oscilent Corporation
Telephone: 1.949.252.0522
Fax: 1.949.252.0522
Email: sales@oscilent.com
Product Specification
www.oscilent.com
REV A January 2011
Oscilent Controlled Document
Ordering Code / Part Number
Product Description
821-SL135.0M-10B
135.0 MHz IF SAW Filter 10.0 MHz Bandwidth
Specification Contents
o
Mechanical Dimensions
o
Test Circuit
o
Maximum Ratings
o
Electrical Specification
o
Frequency Response
o
Smith Chart
o
VSWR
Notes
o
Electrostatic Sensitive Device (ESD)
o
Avoid excessive ultrasonic exposure
o
Solderability compatible with JEDEC J-STD-020C Pb-free process, 260°C peak reflow temperature
o
This product complies with EU directive 2002/95/EC (RoHS compliance)


Similar Part No. - 821-SL135.0M-10B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-SL115.0M-17A OSCILENT-821-SL115.0M-17A Datasheet
218Kb / 6P
   115.0 MHz IF SAW Filter 17.08 MHz Bandwidth
821-SL120.0M-20C OSCILENT-821-SL120.0M-20C Datasheet
366Kb / 6P
   120.0 MHz IF SAW Filter 20.10 MHz Bandwidth
821-SL145.0M-26A OSCILENT-821-SL145.0M-26A Datasheet
265Kb / 6P
   145.0 MHz IF SAW Filter 27.0 MHz Bandwidth
821-SL160.0M-10B OSCILENT-821-SL160.0M-10B Datasheet
209Kb / 6P
   160.0MHz IF SAW Filter 10.07MHz Bandwidth
821-SL180.0M-17A OSCILENT-821-SL180.0M-17A Datasheet
226Kb / 6P
   180.0 MHz IF SAW Filter 17.08 MHz Bandwidth
More results

Similar Description - 821-SL135.0M-10B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-SL135.0M-20A OSCILENT-813-SL135.0M-20A Datasheet
223Kb / 6P
   135.0 MHz IF SAW Filter 20.12 MHz Bandwidth
867-SL135.0M-07B OSCILENT-867-SL135.0M-07B Datasheet
115Kb / 4P
   135.0 MHz IF SAW Filter 7.8 MHz Bandwidth
821-IF135.0M-10A OSCILENT-821-IF135.0M-10A Datasheet
504Kb / 6P
   135.0 MHz IF SAW Filter 10.15 MHz Bandwidth
logo
Transko Electronics, In...
TL13507AV TRANSKO-TL13507AV Datasheet
457Kb / 4P
   135.0 MHz IF SAW Filter / 7.6 MHz Bandwidth
Revision 1: 29 Oct. 2007
TA7410AD1 TRANSKO-TA7410AD1 Datasheet
557Kb / 4P
   74.6875 MHz IF SAW Filter / 10.0 MHz Bandwidth
Revision 0: 29 Nov. 2007
TL13510BD1 TRANSKO-TL13510BD1 Datasheet
575Kb / 4P
   135.00 MHz IF SAW Filter / 10.0 MHz Bandwidth
Revision 0: 10 Jun. 2008
TA04510AD1 TRANSKO-TA04510AD1 Datasheet
517Kb / 4P
   45.0 MHz IF SAW Filter / 10.0 MHz Bandwidth
Revision 0: 19. May 2008
logo
Oscilent Corporation
821-IF74.9875M-10A OSCILENT-821-IF74.9875M-10A Datasheet
200Kb / 6P
   74.6875 MHz IF SAW Filter 10.0 MHz Bandwidth
821-IF45.0M-10A OSCILENT-821-IF45.0M-10A Datasheet
222Kb / 6P
   45.0 MHz IF SAW Filter 10.0 MHz Bandwidth
821-SL55.0M-09B OSCILENT-821-SL55.0M-09B_14 Datasheet
408Kb / 6P
   55.0 MHz IF SAW Filter 10.0 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com