Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

821-SL120.0M-20C Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 821-SL120.0M-20C
Description  120.0 MHz IF SAW Filter 20.10 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

821-SL120.0M-20C Datasheet(HTML) 3 Page - Oscilent Corporation

  821-SL120.0M-20C Datasheet HTML 1Page - Oscilent Corporation 821-SL120.0M-20C Datasheet HTML 2Page - Oscilent Corporation 821-SL120.0M-20C Datasheet HTML 3Page - Oscilent Corporation 821-SL120.0M-20C Datasheet HTML 4Page - Oscilent Corporation 821-SL120.0M-20C Datasheet HTML 5Page - Oscilent Corporation 821-SL120.0M-20C Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oscilent Part Number
821-SL120.0M-20C
January 2011 Rev A
120.0 MHz IF SAW Filter 20.10 MHz Bandwidth
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
0
-
60
Storage Temperature Range
°C
-30
-
80
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
119.90
120.00
120.10
Insertion Loss at Fo
dB
-
15.0
17.0
Group Delay Variation (Fo±9.65MHz)
ns
-
80
150
Absolute Delay
us
-
1.52
-
Passband Ripple (Fo±9.65MHz)
dB
-
0.60
1.00
Bandwidth at -1dB
MHz
19.80
20.10
-
Bandwidth at -3dB
MHz
-
20.57
-
Bandwidth at -20dB
MHz
-
21.88
-
Bandwidth at -40dB
MHz
-
22.54
22.80
Ultimate Rejection
dB
-
45
-
Temperature coefficient
ppm/
°C
-
-86
-


Similar Part No. - 821-SL120.0M-20C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-SL115.0M-17A OSCILENT-821-SL115.0M-17A Datasheet
218Kb / 6P
   115.0 MHz IF SAW Filter 17.08 MHz Bandwidth
821-SL135.0M-10B OSCILENT-821-SL135.0M-10B Datasheet
361Kb / 6P
   135.0 MHz IF SAW Filter 10.0 MHz Bandwidth
821-SL145.0M-26A OSCILENT-821-SL145.0M-26A Datasheet
265Kb / 6P
   145.0 MHz IF SAW Filter 27.0 MHz Bandwidth
821-SL160.0M-10B OSCILENT-821-SL160.0M-10B Datasheet
209Kb / 6P
   160.0MHz IF SAW Filter 10.07MHz Bandwidth
821-SL180.0M-17A OSCILENT-821-SL180.0M-17A Datasheet
226Kb / 6P
   180.0 MHz IF SAW Filter 17.08 MHz Bandwidth
More results

Similar Description - 821-SL120.0M-20C

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA07020AD1 TRANSKO-TA07020AD1 Datasheet
598Kb / 4P
   70.0 MHz IF SAW Filter / 20.10 MHz Bandwidth
Revision 0: 30 Nov. 2007
TL12020CD1 TRANSKO-TL12020CD1 Datasheet
627Kb / 4P
   120.00 MHz IF SAW Filter / 20.10 MHz Bandwidth
Revision 0: 23 Jun. 2008
logo
Oscilent Corporation
821-IF85.1M-20E OSCILENT-821-IF85.1M-20E Datasheet
306Kb / 6P
   85.10 MHz IF SAW Filter 20.10 MHz Bandwidth
821-IF80.1M-20B OSCILENT-821-IF80.1M-20B Datasheet
242Kb / 6P
   80.1 MHz IF SAW Filter 20.10 MHz Bandwidth
logo
Transko Electronics, In...
TA08020BD1 TRANSKO-TA08020BD1 Datasheet
562Kb / 4P
   80.1 MHz IF SAW Filter / 20.10 MHz Bandwidth
Revision 0: 09. Feb. 2009
TA08520DD1 TRANSKO-TA08520DD1 Datasheet
528Kb / 4P
   85.10MHz IF SAW Filter / 20.10 MHz Bandwidth
Revision 0: 18. Jul. 2009
TA08520ED1 TRANSKO-TA08520ED1 Datasheet
528Kb / 4P
   85.10MHz IF SAW Filter / 20.10 MHz Bandwidth
Revision 0: 18. Jul. 2009
logo
Oscilent Corporation
821-IF120.0M-29B OSCILENT-821-IF120.0M-29B Datasheet
282Kb / 6P
   120.0 MHz IF SAW Filter 29.52 MHz Bandwidth
813-IF120.0M-14A OSCILENT-813-IF120.0M-14A Datasheet
223Kb / 6P
   120.0 MHz IF SAW Filter 14.35 MHz Bandwidth
logo
Transko Electronics, In...
TA12011BV TRANSKO-TA12011BV Datasheet
651Kb / 4P
   120.0 MHz IF SAW Filter / 11.47 MHz Bandwidth
Revision 0: 06. Mar. 2008
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com