Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

821-IF120.0M-29B Datasheet(PDF) 4 Page - Oscilent Corporation

Part # 821-IF120.0M-29B
Description  120.0 MHz IF SAW Filter 29.52 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

821-IF120.0M-29B Datasheet(HTML) 4 Page - Oscilent Corporation

  821-IF120.0M-29B Datasheet HTML 1Page - Oscilent Corporation 821-IF120.0M-29B Datasheet HTML 2Page - Oscilent Corporation 821-IF120.0M-29B Datasheet HTML 3Page - Oscilent Corporation 821-IF120.0M-29B Datasheet HTML 4Page - Oscilent Corporation 821-IF120.0M-29B Datasheet HTML 5Page - Oscilent Corporation 821-IF120.0M-29B Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Oscilent Part Number
821-IF120.0M-29B
January 2011 Rev A
120.0 MHz IF SAW Filter 29.52 MHz Bandwidth
Product Specification
P. 3
www.oscilent.com
Frequency Response
Bandwidth at –1.0 dB
Bandwidth at –3.0 dB
Bandwidth at –40.0 dB
Wide-Band


Similar Part No. - 821-IF120.0M-29B

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF120.0M-09A OSCILENT-821-IF120.0M-09A Datasheet
359Kb / 6P
   120.0 MHz IF SAW Filter 9.70 MHz Bandwidth
821-IF120.0M-11A OSCILENT-821-IF120.0M-11A Datasheet
165Kb / 6P
   120.0 MHz IF SAW Filter 11.0MHz Bandwidth
821-IF120.0M-14A OSCILENT-821-IF120.0M-14A Datasheet
179Kb / 6P
   120.0 MHz IF SAW Filter 14.0MHz Bandwidth
821-IF120.0M-15B OSCILENT-821-IF120.0M-15B Datasheet
219Kb / 6P
   120.0 MHz IF SAW Filter 15.90 MHz Bandwidth
821-IF120.0M-19D OSCILENT-821-IF120.0M-19D Datasheet
212Kb / 6P
   120.0 MHz IF SAW Filter 19.35 MHz Bandwidth
More results

Similar Description - 821-IF120.0M-29B

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA12029BD1 TRANSKO-TA12029BD1 Datasheet
566Kb / 4P
   120.0 MHz IF SAW Filter / 29.52 MHz Bandwidth
Revision 0: 16. Nov. 2009
logo
Oscilent Corporation
813-IF120.0M-14A OSCILENT-813-IF120.0M-14A Datasheet
223Kb / 6P
   120.0 MHz IF SAW Filter 14.35 MHz Bandwidth
logo
Transko Electronics, In...
TA12011BV TRANSKO-TA12011BV Datasheet
651Kb / 4P
   120.0 MHz IF SAW Filter / 11.47 MHz Bandwidth
Revision 0: 06. Mar. 2008
TF-012002-D70 TRANSKO-TF-012002-D70 Datasheet
589Kb / 4P
   120.0 MHz IF SAW Filter / 8.95 MHz Bandwidth
Revision 0: July 2013
TA12019DV TRANSKO-TA12019DV Datasheet
571Kb / 4P
   120.0 MHz IF SAW Filter / 19.48 MHz Bandwidth
Revision 0: 24. Dec. 2008
TA12029AD1 TRANSKO-TA12029AD1 Datasheet
561Kb / 4P
   120.0 MHz IF SAW Filter / 29.47 MHz Bandwidth
Revision 0: 26. Oct. 2009
logo
Oscilent Corporation
820-IF120.0M-16A OSCILENT-820-IF120.0M-16A Datasheet
227Kb / 6P
   120.0 MHz IF SAW Filter 16.13 MHz Bandwidth
820-IF120.0M-16B OSCILENT-820-IF120.0M-16B Datasheet
195Kb / 6P
   120.0 MHz IF SAW Filter 16.24 MHz Bandwidth
821-IF120.0M-C OSCILENT-821-IF120.0M-C_14 Datasheet
116Kb / 4P
   120.0 MHz IF SAW Filter 20.1 MHz Bandwidth
logo
Transko Electronics, In...
TA12015AD TRANSKO-TA12015AD Datasheet
567Kb / 4P
   120.0 MHz IF SAW Filter / 15.48 MHz Bandwidth
Revision 0: 27. Oct. 2009
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com