Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMSZ5259B Datasheet(PDF) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MMSZ5259B
Description  Surface mount zener diode
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MMSZ5259B Datasheet(HTML) 4 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MMSZ5259B Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5259B Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5259B Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd MMSZ5259B Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Surface mount zener diode
MMSZ5221B-MMSZ5262B
PACKAGE OUTLINE
Plastic surface mounted package
SOD-123
SOD-123
Dim
Min
Max
A
1.4
1.8
B
2.55
2.85
C
1.15 Typical
D
0.55 Typical
E
0.3
0.4
H
0.02
0.10
J
0.1 Typical
K
3.55
3.85
All Dimensions in mm
SOLDERING FOOTPRINT
Unit:mm
PACKAGE
INFORMATION
Device
Package
Shipping
MMSZ5221B-MMSZ5262B
SOD-123
3000/Tape&Reel
K
J
H
E
D
C
A
B
  http://www.luguang.cn          mail:lge@luguang.cn


Similar Part No. - MMSZ5259B

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
MMSZ5259B DGNJDZ-MMSZ5259B Datasheet
535Kb / 2P
   SOD-123 Plastic-Encapsulate Diodes
logo
Pan Jit International I...
MMSZ5259B PANJIT-MMSZ5259B Datasheet
82Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
MMSZ5259B DIOTEC-MMSZ5259B Datasheet
135Kb / 2P
   SMD Planar Zener Diodes
logo
TAITRON Components Inco...
MMSZ5259B TAITRON-MMSZ5259B Datasheet
203Kb / 6P
   500mW Two Terminals SMD Zener Diodes
logo
Taiwan Semiconductor Co...
MMSZ5259B TSC-MMSZ5259B Datasheet
170Kb / 4P
   500mW, 5% Tolerance SMD Zener Diode
More results

Similar Description - MMSZ5259B

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com