Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXE560124 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # AXE560124
Description  Narrow pitch connectors (0.4mm pitch)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXE560124 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button AXE560124 Datasheet HTML 2Page - Panasonic Semiconductor AXE560124 Datasheet HTML 3Page - Panasonic Semiconductor AXE560124 Datasheet HTML 4Page - Panasonic Semiconductor AXE560124 Datasheet HTML 5Page - Panasonic Semiconductor AXE560124 Datasheet HTML 6Page - Panasonic Semiconductor AXE560124 Datasheet HTML 7Page - Panasonic Semiconductor AXE560124 Datasheet HTML 8Page - Panasonic Semiconductor AXE560124 Datasheet HTML 9Page - Panasonic Semiconductor AXE560124 Datasheet HTML 10Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Panasonic Corporation Automation Controls Business Division
industrial.panasonic.com/ac/e/
Notes on Using Narrow pitch Connectors
ACCTB48E 201303-T
Regarding sample orders to confirm proper mounting
When ordering samples to confirm
proper mounting with the placement
machine, connectors are delivered in 50-
piece units in the condition given right.
Consult a sale representative for ordering
sample units.
Condition when delivered from manufacturing
Required number
of products for
sample production
(Unit 50 pcs.)
Embossed tape
amount required for
the mounting
Reel
(Delivery can also be made on a reel by
customer request.)
Please refer to the latest product
specifications when designing your
product.


Similar Part No. - AXE560124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXE560124 PANASONIC-AXE560124 Datasheet
321Kb / 6P
   The 2.5 mm wide ultra-slim body contributes to further contributes to further enhancement of target equipment.
More results

Similar Description - AXE560124

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXT310124 PANASONIC-AXT310124 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch) Connectors for inspection available
AXK7L10223G PANASONIC-AXK7L10223G Datasheet
239Kb / 8P
   Narrow pitch connectors (0.4mm pitch) Easy to design product circuits
AXT510124 PANASONIC-AXT510124_13 Datasheet
304Kb / 11P
   Narrow pitch connectors (0.4mm pitch) Space-saving (3.6 mm widthwise)
AXK714147G PANASONIC-AXK714147G Datasheet
403Kb / 12P
   Narrow pitch connectors (0.4mm pitch) Construction makes designing devices easier.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK6F50537YG PANASONIC-AXK6F50537YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch)
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com