Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ28 Datasheet(PDF) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMAJ28
Description  600Watts Surface Mount Transient Voltage Suppressor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SMAJ28 Datasheet(HTML) 3 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SMAJ28 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ28 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ28 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMAJ28 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
ELECTRICAL CHARACTERISTICS (TA=25
OC unless otherwise noted)
Maximum
Maximum
Maximum
Device
Working Peak
Breakdown Voltage
Test
Clamping
Peak Pulse
Reverse
Device
Marking
Reverse
V(BR) (Volts)
Current
Voltage at IPPM
Surge Current
Leakage
Code
Voltage
at IT
IT
VC(Volts)
IPPM
at VWM
VWM(Volts)
Min.
Max.
(mA)
(Note 5)
(Note 5)(Amps)
ID (uA)
SMAJ45
CU
45
50.0
61.1
1.0
80.3
5.0
5.0
SMAJ45A
CV
45
50.0
55.3
1.0
72.7
5.5
5.0
SMAJ48
CW
48
53.3
65.1
1.0
85.5
4.7
5.0
SMAJ48A
CX
48
53.3
58.9
1.0
77.4
5.2
5.0
SMAJ51
CY
51
56.7
69.3
1.0
91.1
4.4
5.0
SMAJ51A
CZ
51
56.7
62.7
1.0
82.4
4.9
5.0
SMAJ54
RD
54
60.0
73.3
1.0
96.3
4.2
5.0
SMAJ54A
RE
54
60.0
66.3
1.0
87.1
4.6
5.0
SMAJ58
RF
58
64.4
78.7
1.0
103
3.9
5.0
SMAJ58A
RG
58
64.4
71.2
1.0
93.6
4.3
5.0
SMAJ60
RH
60
66.7
81.5
1.0
107
3.7
5.0
SMAJ60A
RK
60
66.7
73.7
1.0
96.8
4.1
5.0
SMAJ64
RL
64
71.1
86.9
1.0
114
3.5
5.0
SMAJ64A
RM
64
71.1
78.6
1.0
103
3.9
5.0
SMAJ70
RN
70
77.8
95.1
1.0
125
3.2
5.0
SMAJ70A
RP
70
77.8
86.0
1.0
113
3.5
5.0
SMAJ75
RQ
75
83.3
102
1.0
134
3.0
5.0
SMAJ75A
RR
75
83.3
92.1
1.0
121
3.3
5.0
SMAJ78
RS
78
86.7
106
1.0
139
2.9
5.0
SMAJ78A
RT
78
86.7
95.8
1.0
126
3.2
5.0
SMAJ85
RU
85
94.4
115
1.0
151
2.0
5.0
SMAJ85A
RV
85
94.4
104
1.0
137
2.2
5.0
SMAJ90
RW
90
100
122
1.0
160
1.9
5.0
SMAJ90A
RX
90
100
111
1.0
146
2.1
5.0
SMAJ100
RY
100
111
136
1.0
179
1.7
5.0
SMAJ100A
RZ
100
111
123
1.0
162
1.9
5.0
SMAJ110
SD
110
122
149
1.0
196
1.6
5.0
SMAJ110A
SE
110
122
135
1.0
177
1.7
5.0
SMAJ120
SF
120
133
163
1.0
214
1.4
5.0
SMAJ120A
SG
120
133
147
1.0
193
1.6
5.0
SMAJ130
SH
130
144
176
1.0
231
1.3
5.0
SMAJ130A
SK
130
144
159
1.0
209
1.5
5.0
SMAJ150
SL
150
167
204
1.0
266
1.1
5.0
SMAJ150A
SM
150
167
185
1.0
243
1.3
5.0
SMAJ160
SN
160
178
218
1.0
287
1.0
5.0
SMAJ160A
SP
160
178
197
1.0
259
1.2
5.0
SMAJ170
SQ
170
189
231
1.0
304
1.0
5.0
SMAJ170A
SR
170
189
209
1.0
275
1.1
5.0
SMAJ188
ST
188
209
255
1.0
344
0.9
5.0
SMAJ188A
SS
188
209
231
1.0
328
0.91
5.0
Notes:
1. Non-repetitive current pulse, per Fig. 3 and derated above TA=25
OC per Fig. 2
2. Mounted on 5.0mm
2 copper pads to each terminal
3. Lead temperature at TL=75
OC
4. Measured on 8.3ms single half sine-wave duty cycle=4 pulses per minutes maximum
5. Peak pulse power waveform is 10/1000 us
6. For Bi-Directional devices having VR of 10 volts and under, the IR limit is double.
SMAJ SERIES
600Watts Surface Mount Transient Voltage Suppressor
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SMAJ28

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ28 SOCAY-SMAJ28 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ28 JGD-SMAJ28 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Zibo Seno Electronic En...
SMAJ28 ZSELEC-SMAJ28 Datasheet
298Kb / 5P
   5.0 to 440Volts 400Watts SMD TRANSIENT VOLTAGE SUPPRESSORS
logo
Vishay Siliconix
SMAJ28 VISHAY-SMAJ28 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 29-Oct-08
logo
RFE international
SMAJ28 RFE-SMAJ28 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 5.0 to 30 Volts
More results

Similar Description - SMAJ28

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMBJ10A LUGUANG-SMBJ10A Datasheet
323Kb / 3P
   600Watts Surface Mount Transient Voltage Suppressor
SMB68 LUGUANG-SMB68 Datasheet
164Kb / 4P
   600Watts Surface Mount Transient Voltage Suppressor
logo
DONGGUAN YOU FENG WEI E...
P6SMBF6.8A YFWDIODE-P6SMBF6.8A Datasheet
89Kb / 4P
   Surface mounttransient voltage suppressor power 600watts
P6KE6.8-DO15 YFWDIODE-P6KE6.8-DO15 Datasheet
544Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
Nanjing International G...
P6KE6.8 DGNJDZ-P6KE6.8 Datasheet
83Kb / 4P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 440 VOLTS
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com