Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR10200CT Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # MBR10200CT
Description  ITO-220AB
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

MBR10200CT Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  MBR10200CT Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd MBR10200CT Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Features
Plastic material used carries Underwriters Laboratory
Classifications 94V-0
Metal silicon junction, majority carrier conduction
Low power loss, high efficiency
High current capability, low forward voltage drop
High surge capability
For use in low voltage, high frequency inverters, free
wheeling, and polarity protection applications
Guardring for overvoltage protection
High temperature soldering guaranteed:
260
oC/10 seconds,0.25”(6.35mm)from case
Mechanical Data
Cases: JEDEC TO-220A molded plastic body
Terminals: Lead solderable per MIL-STD-750, Method 2026
Polarity: As marked
Mounting position: Any
Mounting torque: 5 in. - lbs. max
Weight: 0.08 ounce, 2.24 grams
Maximum Ratings and Electrical Characteristics
Rating at 25
℃ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Type Number
Symbol MBR
1030
CT
MBR
1035
CT
MBR
1040
CT
MBR
1045
CT
MBR
1050
CT
MBR
1060
CT
MBR
1010
0CT
MBR
1015
0CT
MBR
1020
0CT
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
30
35
40
45
50
60
100 150 200
V
Maximum RMS Voltage
VRMS
21
24
28
31
35
42
70
105 140
V
Maximum DC Blocking Voltage
VDC
30
35
40
45
50
60
100 150 200
V
Maximum Average Forward Rectified Current
at Tc=125
OC
I(AV)
10
A
Peak Repetitive Forward Current (Rated VR,
Square Wave, 20KHz) at Tc=125
oC
IFRM
32
A
Peak Forward Surge Current, 8.3 ms Single Half
Sine-wave Superimposed on Rated Load
(JEDEC method )
IFSM
120
A
Peak Repetitive Reverse Surge Current (Note 1)
IRRM
0.5
A
Maximum Instantaneous Forward Voltage at:
(Note 2)
IF=5A, TC=25
oC
IF=5A, TC=125
oC
VF
0.70
0.57
0.80
0.65
0.82
0.72
0.84
0.74
0.86
0.76
V
Maximum Instantaneous Reverse Current
@ Tc =25
℃ at Rated DC Blocking Voltage
(Note 2)
IR
0.1
0.8
0.2
mA
Voltage Rate of Change (Rated VR)
dV/dt
10,000
V/uS
Maximum Typical Thermal Resistance (Note 3)
R
θJC
1.5
℃/W
Operating Junction Temperature Range
TJ
-65 to +150
Storage Temperature Range
TSTG
-65 to +175
Notes: 1. 2.0us Pulse Width, f=1.0 KHz
2. Pulse Test: 300us Pulse Width, 1% Duty Cycle
3. Thermal Resistance from Junction to Case Per Leg, Mount on Heatsink Size of 2 in x 3 in x 0.25in Al-Plate.
http://www.luguang.cn
mail:lge@luguang.cn
MBR1030CT THRU MBR10200CT
1
3
2
PIN
10.2± 0.2
4.0± 0.3
2.6± 0.15
1.4± 0.1
0.6± 0.1
4.5± 0.2
3.1
+0.2
-0.1
2.6± 0.2
0.6± 0.1
ITO-220AB
Dimensions in millimeters


Similar Part No. - MBR10200CT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBR10200CT ETC-MBR10200CT Datasheet
222Kb / 1P
   10 Amp HT Power Schottky Barrier Rectifier 100 Volts to 200Volts
logo
PACELEADER INDUSTRIAL
MBR10200CT PACELEADER-MBR10200CT Datasheet
362Kb / 2P
   10.0A SCHOTTKY BARRIER RECTIFIERS 200V
logo
Taiwan Semiconductor Co...
MBR10200CT TSC-MBR10200CT Datasheet
196Kb / 2P
   10.0 AMPS. Schottky Barrier Rectifiers
logo
SAMYANG ELECTRONICS CO....
MBR10200CT SAMYANG-MBR10200CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Microdiode Electronics ...
MBR10200CT CHENDA-MBR10200CT Datasheet
646Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - MBR10200CT

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
MBR2035CT LUGUANG-MBR2035CT Datasheet
99Kb / 2P
   ITO-220AB
logo
Nanjing International G...
SR40100LCT DGNJDZ-SR40100LCT Datasheet
4Mb / 4P
   TO-220AB/ITO-220AB Plastic-Encapsulate Diode
SR2045LCT DGNJDZ-SR2045LCT Datasheet
4Mb / 4P
   TO-220AB/ITO-220AB Plastic-Encapsulate Diode
logo
Continental Device Indi...
ITO-220AB CDIL-ITO-220AB Datasheet
308Kb / 6P
   ITO-220AB Isolated Leaded Plastic Package
logo
Thinki Semiconductor Co...
FRH10A045 THINKISEMI-FRH10A045 Datasheet
393Kb / 2P
   ITO-220AB 10.0 Ampere Insulated Dual Common Anode Schottky Barrier Rectifiers Unit : inch (mm)
logo
PMC-Sierra, Inc
ITO-220 PMC-ITO-220 Datasheet
64Kb / 1P
   ITO-220
logo
New Jersey Semi-Conduct...
2N6342 NJSEMI-2N6342 Datasheet
167Kb / 1P
   TO-220AB
logo
KEC(Korea Electronics)
MJE13005 KEC-MJE13005_06 Datasheet
12Kb / 1P
   TO-220AB PACKAGE
MJE13007 KEC-MJE13007_06 Datasheet
12Kb / 1P
   TO-220AB PACKAGE
logo
New Jersey Semi-Conduct...
2N6394 NJSEMI-2N6394 Datasheet
153Kb / 1P
   CASE TO-220AB
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com