Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMEG3005AEA Datasheet(PDF) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # PMEG3005AEA
Description  Schottky barrier rectifiers
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

PMEG3005AEA Datasheet(HTML) 5 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  PMEG3005AEA Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd PMEG3005AEA Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd PMEG3005AEA Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd PMEG3005AEA Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd PMEG3005AEA Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
handbook, halfpage
0.6
0.4
0.2
0
103
102
10
1
10−1
MDB669
IF
(mA)
VF (V)
(1)
(2)
(3)
Fig.8
Forward current as a function of forward
voltage; typical values.
PMEG4005AEA
(1) Tamb = 150 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
020
10
30
40
VR (V)
MDB670
105
104
103
102
10
1
IR
(
µA)
(1)
(2)
(3)
Fig.9
Reverse current as a function of reverse
voltage; typical values.
PMEG4005AEA
(1) Tamb = 150 °C.
(2) Tamb =85 °C.
(3) Tamb =25 °C.
handbook, halfpage
0
5
10
20
100
0
80
15
60
40
20
MDB671
VR (V)
Cd
(pF)
Fig.10 Diode capacitance as a function of reverse
voltage; typical values.
PMEG4005AEA
f = 1 MHz; Tamb =25 °C.
PMEG2005AEA THRU PMEG4005AEA
Schottky barrier rectifiers
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - PMEG3005AEA

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PMEG3005AEA PHILIPS-PMEG3005AEA Datasheet
72Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
PMEG3005AEA NXP-PMEG3005AEA Datasheet
311Kb / 10P
   Very low VF MEGA Schottky barrier rectifiers
2003 Aug 20
logo
Nexperia B.V. All right...
PMEG3005AEA NEXPERIA-PMEG3005AEA Datasheet
188Kb / 8P
   Very low VF MEGA Schottky barrier rectifier
14 June 2019
More results

Similar Description - PMEG3005AEA

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com