Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS150LG Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # AS150LG
Description  HOL-SEALERS Hole Seals
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AS150LG Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AS150LG Datasheet HTML 1Page - List of Unclassifed Manufacturers AS150LG Datasheet HTML 2Page - List of Unclassifed Manufacturers AS150LG Datasheet HTML 3Page - List of Unclassifed Manufacturers AS150LG Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Subject to change without notice
PH (763) 422-2211 • FX (763) 422-2600 • hoffmanonline.com
© 2010 Pentair Technical Products
Accessories: Hole Seals
Hole Seals
Spec-00182 C
Standard Product 
Catalog Number
Material
Finish/Color
For
Maximum Hole Diameter
in./mm
Hol-Sealer Diameter
in./mm
AS056M
Steel
ANSI 61 gray
Micro
0.56
14
0.80
20
AS056MSS
Stainless Steel
Stainless Steel
Micro
0.56
14
0.80
20
AS056CB
Steel
Chrysler beige
Micro
0.56
14
0.80
20
AS056MFB
Steel
Ford brown
Micro
0.56
14
0.80
20
AS056MLG
Steel
Light gray
Micro
0.56
14
0.80
20
ASPBG
Steel
ANSI 61 gray
22.5-mm pushbutton holes
0.88
22
1.22
31
ASPBGSS
Stainless Steel
Stainless Steel
22.5-mm pushbutton holes
0.88
22
1.22
31
AS050
Steel
ANSI 61 gray
1/2-in. conduit holes
0.88
22
1.38
35
AS050LG
Steel
Light gray
1/2-in. conduit holes
0.88
22
1.38
35
AS050SS
Stainless Steel
Stainless Steel
1/2-in. conduit holes
0.88
22
1.38
35
AS075
Steel
ANSI 61 gray
3/4-in. conduit holes
1.06
27
1.56
40
AS075SS
Stainless Steel
Stainless Steel
3/4-in. conduit holes
1.06
27
1.56
40
AS075LG
Steel
Light gray
3/4-in. conduit holes
1.06
27
1.56
40
ASPB
Steel
ANSI 61 gray
30.5-mm pushbutton holes
1.25
32
1.75
44
ASPBSS
Stainless Steel
Stainless Steel
30.5-mm pushbutton holes
1.25
32
1.75
44
ASPBLG
Steel
Light gray
30.5-mm pushbutton holes
1.25
32
1.75
44
AS100
Steel
ANSI 61 gray
1-in. conduit holes
1.38
35
1.88
48
AS100SS
Stainless Steel
Stainless Steel
1-in. conduit holes
1.38
35
1.88
48
AS100LG
Steel
Light gray
1-in. conduit holes
1.38
35
1.88
48
AS125
Steel
ANSI 61 gray
1 1/4-in. conduit holes
1.69
43
2.19
56
AS125SS
Stainless Steel
Stainless Steel
1 1/4-in. conduit holes
1.69
43
2.19
56
AS125LG
Steel
Light gray
1 1/4-in. conduit holes
1.69
43
2.19
56
AS150
Steel
ANSI 61 gray
1 1/2-in. conduit holes
2.00
51
2.50
64
AS150SS
Stainless Steel
Stainless Steel
1 1/2-in. conduit holes
2.00
51
2.50
64
AS150LG
Steel
Light gray
1 1/2-in. conduit holes
2.00
51
2.50
64
AS200
Steel
ANSI 61 gray
2-in. conduit holes
2.50
64
3.00
76
AS200SS
Stainless Steel
Stainless Steel
2-in. conduit holes
2.50
64
3.00
76
AS200LG
Steel
Light gray
2-in. conduit holes
2.50
64
3.00
76
AS250
Steel
ANSI 61 gray
2 1/2-in. conduit holes
3.00
76
3.50
89
AS250SS
Stainless Steel
Stainless Steel
2 1/2-in. conduit
3.00
76
3.50
89
AS300
Steel
ANSI 61 gray
3-in. conduit holes
3.62
92
4.12
105
AS300SS
Stainless Steel
Stainless Steel
3-in. conduit holes
3.62
92
4.12
105
AS350
Steel
ANSI 61 gray
3 1/2-in. conduit holes
4.12
105
4.62
117
AS350SS
Stainless Steel
Stainless Steel
3 1/2-in. conduit holes
4.12
105
4.62
117
AS400
Steel
ANSI 61 gray
4-in. conduit holes
4.62
117
5.12
130
AS400SS
Stainless Steel
Stainless Steel
4-in. conduit holes
4.62
117
5.12
130


Similar Part No. - AS150LG

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
AS150 MOTIONKING-AS150 Datasheet
165Kb / 2P
   AC Servo Motors
logo
Astrodyne Corporation
AS150-12 ASTRODYNE-AS150-12 Datasheet
489Kb / 2P
   150W Single Output Switching Power Supply
AS150-15 ASTRODYNE-AS150-15 Datasheet
489Kb / 2P
   150W Single Output Switching Power Supply
logo
MotionKing Motor Indust...
AS150-15-230E25 MOTIONKING-AS150-15-230E25 Datasheet
165Kb / 2P
   AC Servo Motors
AS150-20-150E25 MOTIONKING-AS150-20-150E25 Datasheet
165Kb / 2P
   AC Servo Motors
More results

Similar Description - AS150LG

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
90-287 MACOM-90-287 Datasheet
29Kb / 1P
   10amp, one hol mtg
CES-1 MACOM-CES-1 Datasheet
104Kb / 1P
   CABLE ENTRY SEALS STANDARD
logo
TE Connectivity Ltd
CES-X-XX TEC-CES-X-XX Datasheet
108Kb / 1P
   CAMLE ENTRY SEALS STANDARD
logo
Tyco Electronics
BP10480 MACOM-BP10480 Datasheet
226Kb / 4P
   Pushbutton Switches, Splashproof Boot Seals
2-1193487-7 MACOM-2-1193487-7 Datasheet
58Kb / 1P
   CABLE ENTRY SEALS 2 ENTRY, NPT THREADED
logo
Ralston Instruments.
QSCM-0020-VT RALSTON-QSCM-0020-VT Datasheet
311Kb / 1P
   Vent valve, stainless steel, with Viton seals
logo
Molex Electronics Ltd.
0643251366 MOLEX1-0643251366_18 Datasheet
44Kb / 1P
   Single Wire Seals for CP 2.80 Terminals, Blue
0643251332 MOLEX-0643251332 Datasheet
53Kb / 2P
   Single Wire Seals for CP 2.80 Terminals, Red
08/25/2022
0643251358 MOLEX1-0643251358_18 Datasheet
42Kb / 1P
   Single Wire Seals for CP 2.80 Terminals, Gray
logo
HARTING Technology Grou...
19-44-310-0306 HARTING-19-44-310-0306 Datasheet
484Kb / 2P
   Han-INOX 10B-HBM-SL FKM seals
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com