Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ASSR-V621 Datasheet(PDF) 6 Page - AVAGO TECHNOLOGIES LIMITED

Part # ASSR-V621
Description  Dual Channel Photovoltaic MOSFET Driver (6.5V/15A)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

ASSR-V621 Datasheet(HTML) 6 Page - AVAGO TECHNOLOGIES LIMITED

  ASSR-V621 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED ASSR-V621 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED ASSR-V621 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED ASSR-V621 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED ASSR-V621 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED ASSR-V621 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
For product information and a complete list of distributors, please go to our web site:
www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and other countries.
Data subject to change. Copyright © 2005-2012 Avago Technologies. All rights reserved.
AV02-0259EN - March 19, 2012
0
10
20
30
40
50
60
70
-50
-25
0
25
50
75
100
TA - TEMPERATURE - °C
TA - TEMPERATURE - °C
IF=3mA
0
2
4
6
8
10
-50
-25
0
25
50
75
100
0
100
200
300
400
500
600
IF=10mA
0
10
20
30
40
50
-50
-25
0
25
50
75
100
IF=10mA
IF=30mA
IF=10mA
IF=5mA
IF=20mA
IF=5mA
IF=30mA
IF=10mA
IF=20mA
IF=3mA
-50
-25
0
25
50
75
100
TA - TEMPERATURE - °C
TA - TEMPERATURE - °C
Figure 1. Short Circuit Output Current vs
Figure 2. VOC vs Temperature
Figure 3. TON vs Temperature
Figure 4. TOFF vs Temperature


Similar Part No. - ASSR-V621

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1218 AVAGO-ASSR-1218 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
logo
Broadcom Corporation.
ASSR-1218 BOARDCOM-ASSR-1218 Datasheet
356Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
logo
AVAGO TECHNOLOGIES LIMI...
ASSR-1218-003E AVAGO-ASSR-1218-003E Datasheet
229Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-1218-503E AVAGO-ASSR-1218-503E Datasheet
229Kb / 12P
   Form A, Solid State Relay (Photo MOSFET)
ASSR-1219 AVAGO-ASSR-1219 Datasheet
356Kb / 12P
   Compact Solid-State Bi-directional Signal Switch
More results

Similar Description - ASSR-V621

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
APV1121SJ PANASONIC-APV1121SJ Datasheet
74Kb / 3P
   PHOTOVOLTAIC MOSFET DRIVER
logo
Panasonic Battery Group
APV PANASONICBATTERY-APV Datasheet
75Kb / 3P
   Photovoltaic MOSFET Driver
logo
List of Unclassifed Man...
CT222ADM ETC1-CT222ADM Datasheet
23Kb / 2P
   Photovoltaic MOSFET Drivers Dual MOSFET Driver Active Discharge
logo
Vishay Siliconix
VO1263AAC VISHAY-VO1263AAC_V01 Datasheet
172Kb / 8P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
VO1263AAC VISHAY-VO1263AAC Datasheet
135Kb / 7P
   Dual Photovoltaic MOSFET Driver Solid State Relay
Rev. 1.6, 07-May-08
LH1262CAC VISHAY-LH1262CAC_11 Datasheet
139Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.4, 26-Sep-11
VO1263AAC VISHAY-VO1263AAC_13 Datasheet
150Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.8, 29-May-13
LH1262 VISHAY-LH1262 Datasheet
158Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
Rev. 1.5, 31-Jan-2019
LH1262CB VISHAY-LH1262CB_V01 Datasheet
157Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
LH1262CAC VISHAY-LH1262CAC_V01 Datasheet
157Kb / 6P
   Dual Photovoltaic MOSFET Driver Solid-State Relay
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com