Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-200-20-46X Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-200-20-46X
Description  Quartz Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-200-20-46X Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-200-20-46X Datasheet HTML 1Page - ECS, Inc. ECS-200-20-46X Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
HC-46X
Quartz Crystal
The HC-46X is the miniature low profile resistance weld type
Thru Hole quartz crystal. Reduces footprint of HC-49USX
by 50%.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
HC-46X
MIN
TYP
FREQUENCY RANGE (MHz)
FREQUENCY RANGE (MHz) MODE OF OSC
MODE OF OSC
MAX ESR Ω
MAX ESR Ω
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
EQUIVALENT SERIES RESISTANCE/MODE OF OSCILLATION
UNITS
fo
Co
Specify in P/N
Standard
@ +25°C ±3°C
at +25°C
Standard -10 to +70°C
Frequency Range
Operating Temperature
Storage Temperature
Aging (First Year)
Frequency Tolerance
Frequency Stability ref @ 25°C
Shunt Capacitance
Load Capacitance (CL)
Drive Level
12.000
10
MHz
°C
°C
pF
pF
µW
ppm
ppm
ppm
12.000 ~ 15.999
16.000 ~ 29.999
30.000 ~ 40.000
40.000
± 30
± 50
7
Series
100
-10
-40
+70
+85
±5
Fundamental
Fundamental
Fundamental
60
50
40
PACKAGE DIMENSIONS (mm)
Figure 1) Side, Bottom and End views
Figure 2) Size Comparison
HC-46X
Actual Size
HC-49USX
PART NUMBERING GUIDE: Example ECS-200-20-46X
Custom Options
Cost effective
Low profile
Pb Free/RoHS Compliant
ECS - Frequency Abbreviation - Load Capacitance - Package
Tolerance
Stability
Temp Range
46X = HC-46X
A= ±25 ppm
C= ±10 ppm
D= ±100 ppm
E= ±50 ppm
G= ±30 ppm
H= ±25 ppm
K= ±10 ppm
L= -10 ~ +70°C
M= -20 ~ +70°C
N= -40 ~ +85°C
200 = 20.000 MHz
See P/N Guide
20 =20 pF
S=Series
20


Similar Part No. - ECS-200-20-46X

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-200-20-46X ECS-ECS-200-20-46X Datasheet
511Kb / 2P
   miniature low profile resistance weld type Thru Hole quartz crystal
ECS-200-20-46XADL ECS-ECS-200-20-46XADL Datasheet
511Kb / 2P
   miniature low profile resistance weld type Thru Hole quartz crystal
ECS-200-20-46XADM ECS-ECS-200-20-46XADM Datasheet
511Kb / 2P
   miniature low profile resistance weld type Thru Hole quartz crystal
ECS-200-20-46XADY ECS-ECS-200-20-46XADY Datasheet
511Kb / 2P
   miniature low profile resistance weld type Thru Hole quartz crystal
ECS-200-20-46XAEL ECS-ECS-200-20-46XAEL Datasheet
511Kb / 2P
   miniature low profile resistance weld type Thru Hole quartz crystal
More results

Similar Description - ECS-200-20-46X

ManufacturerPart #DatasheetDescription
logo
Jauch Quartz Gmbh
JXE63 JAUCH-JXE63 Datasheet
67Kb / 2P
   Quartz Crystal
JXE115 JAUCH-JXE115 Datasheet
65Kb / 2P
   Quartz Crystal
SM26F JAUCH-SM26F Datasheet
79Kb / 1P
   Quartz Crystal
HC49-U-SMC JAUCH-HC49-U-SMC Datasheet
151Kb / 2P
   Quartz Crystal
logo
List of Unclassifed Man...
HC-49US ETC1-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
Jauch Quartz Gmbh
SMQ32 JAUCH-SMQ32 Datasheet
108Kb / 2P
   Quartz Crystal
logo
ECS, Inc.
CSM-3X ECS-CSM-3X Datasheet
601Kb / 2P
   Quartz Crystal
HC-49U ECS-HC-49U Datasheet
157Kb / 1P
   QUARTZ CRYSTAL
HC-49US ECS-HC-49US Datasheet
216Kb / 1P
   QUARTZ CRYSTAL
logo
IQD Frequency Products ...
LFXTAL032878 IQD-LFXTAL032878 Datasheet
268Kb / 1P
   Quartz Crystal
LFXTAL057623 IQD-LFXTAL057623 Datasheet
144Kb / 1P
   Quartz Crystal
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com