Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQN321L Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AQN321L
Description  TYPICAL APPLICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQN321L Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AQN321L Datasheet HTML 1Page - Panasonic Semiconductor AQN321L Datasheet HTML 2Page - Panasonic Semiconductor AQN321L Datasheet HTML 3Page - Panasonic Semiconductor AQN321L Datasheet HTML 4Page - Panasonic Semiconductor AQN321L Datasheet HTML 5Page - Panasonic Semiconductor AQN321L Datasheet HTML 6Page - Panasonic Semiconductor AQN321L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
AQ-N
Recommended Temperature Controllers
For Cautions for Use
48mm
56mm
1.890inch
2.205inch
48mm
1.890inch
<KT4H Temperature Controller>
Our temperature controller is recommended for use with our Solid State Relays.
Features
• Data can be collected using the RS485 communications interface via a PLC.
• Improved visibility using a negative type LCD and backlight.
• Depth-wise length (chassis dimension) is 56 mm 2.205 inch.
Substitute part numbers
*For detailed product information about temperature controllers, please refer to our website:
http://panasonic-denko.co.jp/ac/e/fasys/component/temperature_controller/
Power supply
Control output
Part No.
100 to 240 V AC
Relay contact
AKT4H111100
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Description - AQN321L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1300 VECTRON-C1300_09 Datasheet
144Kb / 4P
   Typical Applications
C1310 VECTRON-C1310_07 Datasheet
217Kb / 7P
   Typical Applications
C4650 VECTRON-C4650_05 Datasheet
309Kb / 3P
   TYPICAL APPLICATIONS
logo
Panasonic Semiconductor
HG4-DC24V PANASONIC-HG4-DC24V Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1250 VECTRON-C1250_09 Datasheet
133Kb / 4P
   Typical Applications
C2260 VECTRON-C2260_06 Datasheet
149Kb / 6P
   Typical Applications
logo
Rohm
BA3920 ROHM-BA3920 Datasheet
358Kb / 8P
   Block Diagram of Typical Applications
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
List of Unclassifed Man...
FK-130RH ETC-FK-130RH Datasheet
31Kb / 1P
   Typical Applications / Office Automation Equipments
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com