Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AQN611L Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # AQN611L
Description  TYPICAL APPLICATIONS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AQN611L Datasheet(HTML) 4 Page - Panasonic Semiconductor

  AQN611L Datasheet HTML 1Page - Panasonic Semiconductor AQN611L Datasheet HTML 2Page - Panasonic Semiconductor AQN611L Datasheet HTML 3Page - Panasonic Semiconductor AQN611L Datasheet HTML 4Page - Panasonic Semiconductor AQN611L Datasheet HTML 5Page - Panasonic Semiconductor AQN611L Datasheet HTML 6Page - Panasonic Semiconductor AQN611L Datasheet HTML 7Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
AQ-N
REFERENCE DATA
1. Load current vs. ambient temperature
Use load current within range specified in the figure below.
Tested condition
With external heat sink
1) (1) 10A, 15A, 20A type
Shown with standard heat sink
(AQP801)
(2) Shown with 25A type standard heat sink
(AQP804)
(3) Shown with 40A type standard heat sink
(AQP806)
(4) In the case of the AQP812 slim heat-sink
types, characteristics data are available
for each type. Please refer to (6).
2) If attached to a heat sink, use a heat
conductive compound (Ex. Toshiba silicone
YG6111 or TSK5303) of similar coating to
improve cooling.
Without external heat sink
If the mounting surface is not metallic and a
heat sink is not used, expose the bottom
surface and plate surface to improve heat
dissipation.
(1) 10A type
4
2
6
8
10
12
0
0
-20
20
40
60
80
100
Ambient temperature,
°C
When using AQP-HS-J10A or a steel
plate of 100
×100×t0.8 (mm) or greater
When using as
stand-alone
(2) 15A type
(3) 20A type
(4) 25A type
100
80
60
40
20
-20
0
5
10
15
20
0
Ambient temperature,
°C
When using a steel
plate of 100
×100×t1.6
(mm) or greater
When using as stand-alone
When using AQP-HS-J10A or a steel plate
of 150
×150×t1.6 (mm) or greater
Ambient temperature,
°C
100
80
60
40
20
-20
0
5
10
15
20
25
0
When using as stand-alone
When using a steel plate
of 75
×75×t1.6 (mm) or greater
When using AQP-HS-J10A
When using a steel
plate of 100
×100×t1.6
(mm) or greater
When using a steel
plate of 150
×150×t1.6
(mm) or greater
100
80
60
40
20
-20
0
5
10
15
20
25
30
0
When using a steel
plate of 150
×150×t1.6
(mm) or greater
When using a steel
plate of 100
×100×t1.6
(mm) or greater
When using as stand-alone
When using
AQP-HS-30/40A
When using
AQP-HS-J10A
Ambient temperature,
°C
(5) 40A type
(6) Data when mounted on an AQP-HS-SJ20A
slim heat sink
2. Non-repetitive surge current vs. carrying
time
100
80
60
40
20
-20
0
5
10
15
20
25
30
35
40
45
0
When using a steel plate
of 150
×150×t1.6 (mm)
or greater
When using a steel plate of
100
×100×t1.6 (mm) or greater
When using a steel plate of
75
×75×t1.6 (mm) or greater
When using as stand-alone
When using
AQP-HS-J25A
When using
AQP-HS-30/40A
Ambient temperature,
°C
0
5
30
15
20
25
10
020
40
100
80
60
40 A type
25 A type
20 A type
15 A type
10 A type
Ambient temperature,
°C
0
100
500
400
300
200
110
100
No. of cycles at 60 Hz
10 A type
15A type
20A type
25A type
40A type
3. Input current vs. input voltage
10A, 15A, 20A, 25A, 40A common
2
6
4
8
12
10
14
16
10
15
5
020
25
35
30
Input voltage, V
Without LED
With LED
All Rights Reserved © C
OPYRIGHT Panasonic Electric Works Co., Ltd.


Similar Description - AQN611L

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
HL1-HTM-AC240V PANASONIC-HL1-HTM-AC240V Datasheet
151Kb / 7P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1300 VECTRON-C1300_09 Datasheet
144Kb / 4P
   Typical Applications
C1310 VECTRON-C1310_07 Datasheet
217Kb / 7P
   Typical Applications
C4650 VECTRON-C4650_05 Datasheet
309Kb / 3P
   TYPICAL APPLICATIONS
logo
Panasonic Semiconductor
HG4-DC24V PANASONIC-HG4-DC24V Datasheet
2Mb / 9P
   TYPICAL APPLICATIONS
logo
Vectron International, ...
C1250 VECTRON-C1250_09 Datasheet
133Kb / 4P
   Typical Applications
C2260 VECTRON-C2260_06 Datasheet
149Kb / 6P
   Typical Applications
logo
Rohm
BA3920 ROHM-BA3920 Datasheet
358Kb / 8P
   Block Diagram of Typical Applications
logo
DIYI Electronic Technol...
BT151 DYELEC-BT151 Datasheet
2Mb / 5P
   Typical applications include motor control
logo
List of Unclassifed Man...
FK-130RH ETC-FK-130RH Datasheet
31Kb / 1P
   Typical Applications / Office Automation Equipments
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com