Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS58L Datasheet(PDF) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SS58L
Description  Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SS58L Datasheet(HTML) 1 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SS58L Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SS58L Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25oC ambient temperature unless otherwise specified
Maximum recurrent peak reverse voltage
VRRM
40
50
60
V
Maximum RMS voltage
VRWS
28
35
42
V
Maximum DC blocking voltage
VDC
V
Maximum average forw ord rectified current at
c T
L(SEE FIG.1) (NOTE 2)
I(AV)
A
Peak forw ard surge current 8.3ms single half-
c sine-w ave superimposed on rated load(JEDEC
c Method)
IFSM
A
Maximum instantaneous forw ard voltage at
v 5.0A(NOTE.1)
VF
V
Maximum DC reverse current @T
A=25
o
C
at rated DC blockjing voltage(NOTE1) @T
A=100
o
C
RθJA
RθJL
Operating junction temperature range
TJ
oC
Storage temperature range
TSTG
oC
0.5
55
17
IR
NOTE: 1.Pulse test:300μS pulse width,1%duty cy cle
2. P.C.B.mounted with 0.55"X0.55"(14.0X14.0mm2)copper pad areas
REVERSE VOLTAGE: 20 --- 100 V
CURRENT: 5.0 A
Built-in strain relief
Case:JEDEC SMB,molded plastic over
1111passivated chip
Low power loss,high effciency
Plastic package has Underwriters Laborator
111
Flammability Classification 94V-0
Typical thermal resitance (NOTE2)
oC/W
High temperature soldering guaranteed:250oC/10 1
11
seconds at terminals
Polarity: Color band denotes cathode end
Weight: 0.093 gram
mA
UNITS
Low profile package
For surface mounted applications
20
30
40
50
60
80
90
100
14
21
20
High current capability,low forward voltage drop
30
175
5.0
For use in low voltage high frequency inverters,free
111
wheeling and polarity protection applications
Guardring for overvoltage protection
-55--- +150
-55--- +150
0.45
0.6
20
10
Metal silicon junction, majority carrier conduction
High surge capability
0.75
SS52L-SS510L
Surface Mount Schottky Barrier Rectifiers
Features
Mechanical Data
SS52L SS53L SS54L SS55L SS56L SS58L SS59L SS510L
80
90
100
56
63
70
http://www.luguang.cn
mail:lge@luguang.cn
SMB/DO-214AA
0.180(4.57)
0.160(4.06)
0.086(2.20)
0.077(1.95)
0.209(5.30)
0.201(5.10)
0.155(3.94)
0.130(3.30)
Dimensions in inches and(millimeters)
0.012(0.30)
0.006(0.15)
0.008(0.20)
0.096(2.44)
0.084(2.13)
0.059(1.50)
0.035(0.90)
0.002(0.05)


Similar Part No. - SS58L

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS58L JUXING-SS58L Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
SS58L JUXING-SS58L Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
SS58L JUXING-SS58L Datasheet
2Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
SS58L JUXING-SS58L Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
logo
Bytesonic Electronics C...
SS58L BYTESONIC-SS58L Datasheet
220Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - SS58L

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com