Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SS55L Datasheet(PDF) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SS55L
Description  Surface Mount Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd

SS55L Datasheet(HTML) 2 Page - Shenzhen Luguang Electronic Technology Co., Ltd

  SS55L Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SS55L Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2.5
0
50
Resistive or
inductive Load
5.0
60 70 80 90 100 110 120 130 140 150 160 170
TJ = 125
TJ = 25
0
20
40
60
80
100
120
140
.
01
.
05
.1
.5
10
1
.0
5
.0
TJ =25
Pulse width=300 s
1%
duty Cycle
.
1
.
3
.
5
.
7
.
9
1.1
1.3
1.5
1
.7
1.
9
2.1
.1
1
10
20
SS52L-SS54L
SS55L-SS56L
SS58L-SS510L
NUMBER OF CYCLES AT 60HZ
INSTANTANEOUS FORWARD VOLTAGE,VOLTS
PERCENT OF RATED PEAK REVERSE VOLTAGE,%
AMBIENT TEMPERATURE ℃
FIG.3 -- TYPICAL FORWARD CHARACTERISTICS
FIG.4 -- TYPICAL REVERSE CHARACTERISTICS
FIG.1 -- FORWARD DERATING CURVE
FIG.2-- PEAK FORWARD SURGE CURRENT
0
1
100
10
8.3ms Single Half Sine Wave
TJ=125
3
5
70
105
140
175
SS52L-SS510L
Surface Mount Schottky Barrier Rectifiers
Ratings AND Charactieristic Curves
PCB MOUNTED ON
0.6X0.6"(16X16mm)
COPPER PAD AREAS
http://www.luguang.cn
mail:lge@luguang.cn


Similar Part No. - SS55L

ManufacturerPart #DatasheetDescription
logo
Guangdong Juxing Electr...
SS55L JUXING-SS55L Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
SS55L JUXING-SS55L Datasheet
1Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
SS55L JUXING-SS55L Datasheet
2Mb / 2P
   Surface Mount Low VF Schottky Rectifiers
logo
DAESAN ELECTRONIC CORP.
SS55L DAESAN-SS55L Datasheet
282Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SS55LA DAESAN-SS55LA Datasheet
277Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS55L

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SK12 EIC-SK12 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SK32S EIC-SK32S Datasheet
12Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SKO2 EIC-SKO2 Datasheet
29Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
SD320YS PANJIT-SD320YS_09 Datasheet
89Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SD820T PANJIT-SD820T_09 Datasheet
47Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Weitron Technology
B120L WEITRON-B120L Datasheet
100Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P2L VISHAY-MSS1P2L_11 Datasheet
91Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS1P3 VISHAY-MSS1P3_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
MSS2P2 VISHAY-MSS2P2_11 Datasheet
93Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 19-Apr-11
logo
Weitron Technology
B520B WEITRON-B520B_09 Datasheet
603Kb / 3P
   Surface Mount Schottky Barrier Rectifiers
logo
Vishay Siliconix
MSS1P5 VISHAY-MSS1P5 Datasheet
107Kb / 4P
   Surface Mount Schottky Barrier Rectifiers
Revision: 04-Aug-08
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com