Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ALS-PDIC15-21B Datasheet(PDF) 8 Page - Everlight Electronics Co., Ltd

Part # ALS-PDIC15-21B
Description  Surface - Mount Ambient Light Sensor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ALS-PDIC15-21B Datasheet(HTML) 8 Page - Everlight Electronics Co., Ltd

Back Button ALS-PDIC15-21B Datasheet HTML 3Page - Everlight Electronics Co., Ltd ALS-PDIC15-21B Datasheet HTML 4Page - Everlight Electronics Co., Ltd ALS-PDIC15-21B Datasheet HTML 5Page - Everlight Electronics Co., Ltd ALS-PDIC15-21B Datasheet HTML 6Page - Everlight Electronics Co., Ltd ALS-PDIC15-21B Datasheet HTML 7Page - Everlight Electronics Co., Ltd ALS-PDIC15-21B Datasheet HTML 8Page - Everlight Electronics Co., Ltd ALS-PDIC15-21B Datasheet HTML 9Page - Everlight Electronics Co., Ltd ALS-PDIC15-21B Datasheet HTML 10Page - Everlight Electronics Co., Ltd ALS-PDIC15-21B Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Document No: DAS-015-007 Rev1.1
Aug. 14, 2008
8
Surface - Mount
Ambient Light Sensor
ALS-PDIC15-21B/TR8
Recommended method of storage
Reflow Terms:
JEDEC Level 4 Specification
Dry box storage is recommended as soon as the aluminum bag has been opened prevent
moisture absorption. The following conditions should be observed, if dry boxes are not
available:
Storage temperature 10
℃ to 30℃
Storage humidity
≦60%RH max
After more than 72 hours under these conditions moisture content will be too high for
Reflow soldering. In case of moisture absorption, the devices will recover to former
condition by drying under the following condition:
192 hours at 40
℃+5℃/-0℃ and 5%RH (dry air / nitrogen), or
96 hours at 60
℃+5℃ and < 5%RH for all device containers, or
24 hours at 125
℃+5℃ not suitable for reel or tubes
ESD Precaution:
Proper storage and handing procedures should be followed to prevent ESD damage to
the devices especially when they are removed from the Anti-static bag. Electro-Static
Sensitive Devices warning labels are on the packing.
Recommended Solder Profile
Notice:
(1) Reflow soldering should not be done more than two times.
(2) When soldering, do not put stress on the devices during heating.
(3) After soldering, do not warp the circuit board.


Similar Part No. - ALS-PDIC15-21B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C Datasheet
509Kb / 14P
   Surface-Mount Ambient Light Sensor
ALS-PDIC15-21C-L230-TR8 EVERLIGHT-ALS-PDIC15-21C-L230-TR8 Datasheet
509Kb / 14P
   Surface-Mount Ambient Light Sensor
ALS-PDIC15-21C/L230/TR8 EVERLIGHT-ALS-PDIC15-21C/L230/TR8 Datasheet
509Kb / 14P
   Surface-Mount Ambient Light Sensor
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C_10 Datasheet
304Kb / 13P
   Surface-Mount Ambient Light Sensor
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C_15 Datasheet
304Kb / 13P
   Ambient Light Sensor
More results

Similar Description - ALS-PDIC15-21B

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EAALSDIC2012A3 EVERLIGHT-EAALSDIC2012A3 Datasheet
519Kb / 12P
   Ambient Light Sensor ??Surface Mount
EAALSDIC3215A0 EVERLIGHT-EAALSDIC3215A0 Datasheet
499Kb / 10P
   Ambient Light Sensor ??Surface Mount
ALS-PT19-315C EVERLIGHT-ALS-PT19-315C Datasheet
440Kb / 11P
   Surface - Mount Ambient Light Sensor
ALS-PD70-01C-TR7 EVERLIGHT-ALS-PD70-01C-TR7 Datasheet
187Kb / 8P
   Surface - Mount Ambient Light Sensor
ALS-PD70-01C-TR7 EVERLIGHT-ALS-PD70-01C-TR7_15 Datasheet
422Kb / 7P
   Ambient Light Sensor ??Surface Mount
ALS-PDIC17-55C EVERLIGHT-ALS-PDIC17-55C Datasheet
516Kb / 14P
   Surface - Mount Ambient Light Sensor
ALS-PDIC15-21C EVERLIGHT-ALS-PDIC15-21C Datasheet
509Kb / 14P
   Surface-Mount Ambient Light Sensor
EAALSDIC2012A2 EVERLIGHT-EAALSDIC2012A2 Datasheet
544Kb / 12P
   Ambient Light Sensor ??Surface Mount
EAALSDIC3215A1 EVERLIGHT-EAALSDIC3215A1 Datasheet
770Kb / 12P
   Ambient Light Sensor ??Surface Mount
EAALSDSY6444A0 EVERLIGHT-EAALSDSY6444A0 Datasheet
545Kb / 7P
   Ambient Light Sensor ??Surface Mount
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com