Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4B-09PA-2DSA Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # A4B-09PA-2DSA
Description  2mm Pitch Miniature Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A4B-09PA-2DSA Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button A4B-09PA-2DSA Datasheet HTML 7Page - List of Unclassifed Manufacturers A4B-09PA-2DSA Datasheet HTML 8Page - List of Unclassifed Manufacturers A4B-09PA-2DSA Datasheet HTML 9Page - List of Unclassifed Manufacturers A4B-09PA-2DSA Datasheet HTML 10Page - List of Unclassifed Manufacturers A4B-09PA-2DSA Datasheet HTML 11Page - List of Unclassifed Manufacturers A4B-09PA-2DSA Datasheet HTML 12Page - List of Unclassifed Manufacturers A4B-09PA-2DSA Datasheet HTML 13Page - List of Unclassifed Manufacturers A4B-09PA-2DSA Datasheet HTML 14Page - List of Unclassifed Manufacturers A4B-09PA-2DSA Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
C20
A3 • A4 Series
2mm Pitch Miniature Connector
Part Number
A3B-2630SCFC
A3B-2630SCC
A3B-3236SCFC
621-0301-7
621-0302-0
621-0303-2
AWG#26 to #30
AWG#26 to #30
AWG#32 to #36
Reel
Bag
Reel
10000
100
10000
YES
Automatic crimper CM-105-AP 105-A3B-2630
A3B-TA2630HC
Automatic crimper CM-105-AP 105-A3B-3236
CL No.
Applicable Cable
Type
Quantity
RoHS
Crimping Tool
Type
Manual
Automatic
AWG#26 to #30
---------------
AWG#26 to #30
AWG#32 to #36
Applicable Cable
A3B-2630SCC
---------------
A3B-2630SCFC
A3B-3236SCFC
Applicable Contact
550-0200-7
901-0005-4
901-4016-2
901-4017-5
CL No.
A3B-TA2630HC
CM-105
AP105-A3B-2630S
AP105-A3B-3236S
Part Number
Manual crimping tool
Automatic crimping machine
Applicator
Item
Power supply
Gross weight
Machining range
Remarks
100V AC, single phase 200W
75kg
2000 to 4000 contacts/hour
Crimping of various contacts by replacing the applicator
Specification
■Crimping Contact
BCrimping Tool
Manual crimping tool
A3B-TA2630HC
Automatic crimping machine
CM-105
SCC contact
SCFC contact
Specification (CM-105 type)
Features
This tool is a new model to meet many user needs, and finely
designed to enhance operativity and expand the application
range for setup adjustment and various applicator installations.
The easy to handle semi-automatic crimping machine can be
used for crimping connection of various strip contacts.
Note 1. The plating specification is shown as follows:
(Contact area) : Gold plating
(Others): Nickel plating
Note 2. "30" is stamped on A3B-2630SCFC(SCC),
and "36" is stamped on A3B-3236SCFC(SCC).
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - A4B-09PA-2DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A4B-09PA-2DSA HIROSE-A4B-09PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A4B-09PA-2DSA ETC2-A4B-09PA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A4B-09PA-2DSA HIROSE-A4B-09PA-2DSA Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A4B-09PA-2DSA(71) ETC2-A4B-09PA-2DSA(71) Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A4B-09PA-2DSA(71) HIROSE-A4B-09PA-2DSA(71) Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
More results

Similar Description - A4B-09PA-2DSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-04PA-2DSA HIROSE-A3B-04PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-10DA-2SV ETC2-A3-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A4B-6S-2C ETC2-A4B-6S-2C Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com