Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A4B-08PA-2DSA Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A4B-08PA-2DSA
Description  2mm Pitch Miniature Connector
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

A4B-08PA-2DSA Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A4B-08PA-2DSA Datasheet HTML 1Page - List of Unclassifed Manufacturers A4B-08PA-2DSA Datasheet HTML 2Page - List of Unclassifed Manufacturers A4B-08PA-2DSA Datasheet HTML 3Page - List of Unclassifed Manufacturers A4B-08PA-2DSA Datasheet HTML 4Page - List of Unclassifed Manufacturers A4B-08PA-2DSA Datasheet HTML 5Page - List of Unclassifed Manufacturers A4B-08PA-2DSA Datasheet HTML 6Page - List of Unclassifed Manufacturers A4B-08PA-2DSA Datasheet HTML 7Page - List of Unclassifed Manufacturers A4B-08PA-2DSA Datasheet HTML 8Page - List of Unclassifed Manufacturers A4B-08PA-2DSA Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
C10
2mm Pitch Miniature Connector
A3 • A4 Series
■Features
1. Miniature Type and High Density Mounting
These connectors are designed in a miniature and light
weight product, and mounted in the high density. The
crimping case is structured in the 2mm pitch grid, so that
connectors can be arranged for use.
2. Variation in Number of Contacts
In addition to the dip type, SMT and crimping types are
available with broad variations.
3. Stacking Variation
When the connector is used for board to board, set 6mm
between boards in conjunction with the pin header A3B,
or 5.1mm between boards in conjunction with the pin
header A3C.
1. Insulation Resistance
2. Withstanding voltage
3. Contact Resistance
4. Vibration
5. Humidity (Steady state)
1000M ohms min.
No flashover or insulation breakdown.
15m ohms max
No electrical discontinuity of 10μs or more
Insulation resistance: 1000M ohms min.
500V DC
650V AC/1 minute
0.1A
Frequency: 10 to 55 Hz, single amplitude of 0.75 mm, 2 hours in each of the 3 directions.
96 hours at temperature of 40ç and humidity of 90% to 95%
(–65ç: 30 minutes
➝ 15 to 35ç: 5 minutes max.
(125ç: 30 minutes
➝ 15 to 35ç: 5 minutes max.) 5 cycles
100 cycles
Solder bath: 260ç for 10 seconds
Manual soldering: DIP: 350ç for 3 seconds
SMT: 360ç for 5 seconds
6. Humidity resistance
(Steady state)
7. Operating Life
8. Resistance to
Soldering heat
No damage, cracks, or parts looseness.
Contact resistance: 20m ohms max.
No deformation of components affecting performance.
Rating
Current rating
Voltage rating
1A
200V AC
Operating Temperature Range
Operating Moisture Range
–55 to +85ç (Note 1)
40 to 80%
Storage Temperature Range
Storage Humidity Range
–10 to +60ç (Note 2)
40 to 70% (Note 2)
Item
Specification
Condition
■Product Specifications
Note 1: Includes temperature rise caused by current flow.
Note 2: The term "storage" refers to products stored for long period of time prior to mounting and use. Operating Temperature Range
and Humidity range covers non conducting condition of installed connectors in storage, shipment or during transportation.
Note 3. Information contained in this catalog represents general requirements for this Series. Contact us for the drawings and
specifications for a specific part number shown.
■Applications
VTR, vehicle telephones, and other various kinds of electronic equipment
■Material
Black
Light brown
Black
Selective gold plated
UL94V-0
---------------
Part
Insulator
Contact
Pin header (Through hole)
Receptacle (Through hole)
Pin header (SMT)
Receptacle (SMT)
Crimping socket
Pin header
Receptacle
Crimping contact
Polyamid
PBT
PBT
Brass
Phosphor bronze
PPS (Note)
Material
Finish
Remarks
Note : Slight variations in color of the plastic compounds do not affect form ,fit or function of the connector.
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.
All non-RoHS products have been discontinued, or will be discontinued soon. Please check the products status on the Hirose website RoHS search at www.hirose-connectors.com, or contact your Hirose sales representative.


Similar Part No. - A4B-08PA-2DSA

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
A4B-08PA-2DSA HIROSE-A4B-08PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A4B-08PA-2DSA ETC2-A4B-08PA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A4B-08PA-2DSA HIROSE-A4B-08PA-2DSA Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A4B-08PA-2DSA(71) ETC2-A4B-08PA-2DSA(71) Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A4B-08PA-2DSA(71) HIROSE-A4B-08PA-2DSA(71) Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
More results

Similar Description - A4B-08PA-2DSA

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A3A-8PA-2SV ETC2-A3A-8PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-12P-2DS HIROSE-A3B-12P-2DS Datasheet
372Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-14PA-2SV ETC2-A3-14PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A3-32PA-2SV ETC2-A3-32PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3B-04PA-2DSA HIROSE-A3B-04PA-2DSA Datasheet
439Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-6PA-2SV ETC2-A3-6PA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
Hirose Electric
A3 HIROSE-A3_18 Datasheet
333Kb / 16P
   2mm Pitch Miniature Connector
A3C-10DA-2DSA HIROSE-A3C-10DA-2DSA Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
logo
List of Unclassifed Man...
A3-10DA-2SV ETC2-A3-10DA-2SV Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
A4B-6S-2C ETC2-A4B-6S-2C Datasheet
358Kb / 16P
   2mm Pitch Miniature Connector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com