Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70280-0086 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 70280-0086
Description  2.54mm Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 12 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm PC Tail
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

70280-0086 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  70280-0086 Datasheet HTML 1Page - Molex Electronics Ltd. 70280-0086 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Lead-free Process Capability
SMC & Wave Capable (TH only)
Process Temperature max. C
260
Material Info
Old Part Number
70280-0086
Reference - Drawing Numbers
Product Specification
PS-70280
Sales Drawing
SDA-70280-0001-4000
This document was generated on 05/19/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 70280-0086

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70280-0086 MOLEX1-70280-0086 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical
More results

Similar Description - 70280-0086

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10-89-7140 MOLEX11-10-89-7140 Datasheet
41Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 14 Circuits, 0.76關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm PC Tail
10-89-7102 MOLEX-10-89-7102 Datasheet
35Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 10 Circuits, 0.38關m Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm PC Tail
0010897440 MOLEX1-0010897440 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 44 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107") PC Tail
0010879805 MOLEX1-0010879805 Datasheet
431Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 80 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin(Sn) PC Tail Plating, 2.72mm (.107") PC Tail
0010897060 MOLEX1-0010897060 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 6 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107") PC Tail
0010897180 MOLEX1-0010897180 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 18 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107") PC Tail
0010897720 MOLEX1-0010897720 Datasheet
433Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 72 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107") PC Tail
0010897620 MOLEX1-0010897620 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 62 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107") PC Tail
0010897240 MOLEX1-0010897240 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 24 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107") PC Tail
0010897540 MOLEX1-0010897540 Datasheet
432Kb / 4P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Dual Row, Vertical, High Temperature, 54 Circuits, 0.76關m (30關") Gold (Au) Selective Plating, Tin (Sn) PC Tail Plating, 2.72mm (.107") PC Tail
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com