Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-3951M-250-BN Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-3951M-250-BN
Description  SMD CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-3951M-250-BN Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-3951M-250-BN Datasheet HTML 1Page - ECS, Inc. ECS-3951M-250-BN Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ECS-3951M/3953M-BN
SMD CLOCK OSCILLATOR
ECS-3951M-BN (5.0V) and ECS-3953M-BN (3.3V) Industrial
Grade (-40 to +85°C) miniature SMD oscillators . Ideal for
today's high temperature range applications.
1105 South Ridgeview Road
Olathe, KS 66062
Phone: 913.782.7787
Fax: 913.782.6991
www.ecsxtal.com
PARAMETERS
CONDITIONS
ECS-3951M-BN (+5V)
ECS-3953M-BN (+3.3V)
MIN
MIN
TYP
TYP
MAX
MAX
OPERATING CONDITIONS / ELECTRICAL CHARACTERISTICS
UNITS
HCMOS
VOH
VOL
@ 50% VDD level
1.800 to 70.000 MHz
70.001 to 125.000 MHz
1.800 to 36.000 MHz
1.800 to 36.000 MHz
36.100 to 70.000 MHz
36.100 to 70.000 MHz
70.100 to 100.000 MHz
70.100 to 100.000 MHz
100.100 to 125.000 MHz
Option B
VDD
Startup time
Disable delay time
"1" level
"0" level
Input Current
Frequency Range
Operating Temperature
Storage Temperature
Supply Voltage
Frequency Stability *
Output Symmetry
Rise and Fall Times
Output Load
1.800
1.800
-40
-55
+4.5
90% VDD
MHz
°C
°C
VDC
ppm
mA
mA
mA
mA
%
ns
ns
VDC
VDC
pF
ns
ms
ms
ms
125.00
+85
+125
+5.5
± 50
5
5
10
+3.3
-40
90% VDD
+85
+125
+3.63
± 50
15
25
30
35
5
5
125.00
10
15
100
15
-55
+2.97
20
55
60
65
40/60
40/60
15
5
10% VDD
10% VDD
30
100
15
DIMENSIONS (mm)
Note: Internal crystal oscillation to be halted
(Pin #1=VIL)
ECS-3953M-BN is also compatible with a supply voltage of +3.0V DC ±0.3V.
* Note: Inclusive of 25°C tolerance, operating temperature,input voltage change, aging, shock and vibration.
Figure 1) Top, Side and Bottom views
Figure 2) Suggested Land Pattern
PART NUMBERING GUIDE: Example ECS-3953M-200-BN
Pin Connections
Tri-State Control Voltage
Pin #1
Pin #2
Pin #3
Pin #4
Pad 1
Open
+2.2V Min
+0.8V Max
Oscillation
No Oscillation
Oscillation
Pad 3
-40 ~ +85°C Temp Range
5 x 7 mm Footprint
Pb Free/RoHS Compliant
± 50 ppm Stability
ECS
-
Series
-
Frequency Abbreviation
-
Stability
Temperature
3951M = +5.0V
3953M = +3.3V
200 = 20.000 MHz
See Frequency
Abbreviations
B = ± 50 ppm
N = -40 ~ +85°C
Tri-State
Ground
Output
VDD
+5.0


Similar Part No. - ECS-3951M-250-BN

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-3951M-200-AU ECS-ECS-3951M-200-AU Datasheet
125Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-3951M-200-BN ECS-ECS-3951M-200-BN Datasheet
125Kb / 1P
   SMD CLOCK OSCILLATOR
More results

Similar Description - ECS-3951M-250-BN

ManufacturerPart #DatasheetDescription
logo
TEMEX
RXO7050M TEMEX-RXO7050M Datasheet
815Kb / 9P
   SMD Clock Oscillator
logo
ECS, Inc.
ECS-327KE ECS-ECS-327KE Datasheet
513Kb / 2P
   SMD CLOCK OSCILLATOR
ECS-1633 ECS-ECS-1633 Datasheet
804Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-2025 ECS-ECS-2025 Datasheet
249Kb / 2P
   SMD CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-1633 ETC2-ECS-1633 Datasheet
804Kb / 1P
   SMD CLOCK OSCILLATOR
logo
ECS, Inc.
ECS-2532HS ECS-ECS-2532HS_12 Datasheet
1Mb / 3P
   SMD CLOCK OSCILLATOR
ECS-2532HS ECS-ECS-2532HS Datasheet
194Kb / 2P
   SMD CLOCK OSCILLATOR
logo
RSG Electronic Componen...
CXO5032T3 RSG-CXO5032T3 Datasheet
44Kb / 1P
   SMD Clock Oscillator
logo
ECS, Inc.
ECS-3951M ECS-ECS-3951M Datasheet
120Kb / 1P
   SMD CLOCK OSCILLATOR
ECS-327SMO ECS-ECS-327SMO Datasheet
136Kb / 1P
   SMD CLOCK OSCILLATOR
logo
TEMEX
RMF2520S TEMEX-RMF2520S Datasheet
495Kb / 7P
   SMD Clock Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com