Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJR26FW204R Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # RJR26FW204R
Description  RJ26/RJR26 - 1/4 ??Trimpot짰 Trimming Potentiometer
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

RJR26FW204R Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  RJR26FW204R Datasheet HTML 1Page - Bourns Electronic Solutions RJR26FW204R Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
4.78 ± .38
(.188 ± .015)
.46 ± .025
(.018 ± .001)
12 3
.76
(.030)
1.02
(.040)
1.52 ± .38
(.060 ± .015)
12 3
.76
(.030)
1.02
(.040)
4.70
(.185)
12 3
1.02
(.040)
.64
(.025)
1.02
(.040)
6.35 ± .51
(.250 ± .020)
6.35 ± .51
(.250 ± .020)
.64
(.025)
4.32 ± .38
(.170 ± .015)
2.54
(.100)
2.54
(.100)
1.02
(.040)
1.02
(.040)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
2.54
(.100)
DIA.
ADJ. SLOT
1.78
(.070)
.51
(.020)
.64
(.025)
WIDE
X
X
DEEP
DIA.
RJR26FA
RJ26FW /
RJR26FW
1.52 ± .25
(.060 ± .010)
.38 ± .25
(.015 ± .010)
12 3
RJ26FX /
RJR26FX
RJ26FP /
RJR26FP
RJR26FB
TYP.
6.35 ± .25
(.250 ± .010)
4.31 ± .38
(.170 ± .015)
1.01 ± .25
(.040 ± .010)
1.02
(.040)
1.02
(.040)
2.54
(.100)
2.54
(.100)
2.54
(.100)
.76
(.030)
MIN.
1.52 ± .25
(.060 ± .010)
.46 ±.03
(.018 ±.001)
12 3
.38 ± .25
(.015 ± .010)
4.88 ± .51
(.192 ± .020)
6.85 ± .51
(.270 ± .020)
TYP.
1.22 ± .25
(.048 ± .010)
.76
(.030)
1.02
(.040)
2.54
(.100)
2.54
(.100)
2.54
(.100)
DIA.
ADJ. SLOT
1.78
(.070)
DIA.
.51
(.020)
.64
(.025)
WIDE
X
X
DEEP
TOLERANCES: ±
0.25
EXCEPT WHERE NOTED
(.010)
DIMENSIONS:
MM
(INCHES)
1
3 CW
CLOCKWISE
CCW
2 WIPER
Features
Multiturn / Cermet / Industrial / Sealed
■ Listed on the QPL per MIL-PRF-22097 and
High-Rel MIL-PRF-39035
For trimmer applications/processing
guidelines, click here
RJ26/RJR26 - 1/4 ” Trimpot® Trimming Potentiometer
“Trimpot” is a registered trademark of Bourns, Inc.
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual
device performance may vary over time.
Users should verify actual device performance in their specific applications.
Electrical Characteristics
Standard Resistance Range
.................................. 10 to 1 megohm
(see standard resistance table)
Resistance Tolerance ............ ±10 % std.
Absolute Minimum Resistance
RJ26..........................................2 % or
20 ohms max. (whichever is greater)
RJR26 .......................................2 % or
2 ohms max. (whichever is greater)
Contact Resistance Variation ....3.0 % or
3 ohms max. (whichever is greater)
Adjustability
Voltage ...................................±0.02 %
Resistance .............................±0.05 %
Resolution.................................... Infinite
Insulation Resistance ............... 500 vdc.
1,000 megohms min.
Dielectric Strength
Sea Level ............................... 600 vac
80,000 Feet ............................ 250 vac
Effective Travel ................. 12 turns nom.
Environmental Characteristics
Power Rating (200 volts max.)
85 °C .................................... 0.25 watt
150 °C ....................................... 0 watt
Temperature Range....-65 °C to +150 °C
Temperature Coefficient .... ±100 ppm/°C
Seal Test...................... 85 °C Fluorinert*
Humidity
RJ26.......... MIL-STD-202 Method 106
96 hours (1 %
ΔTR, 10 Megohms IR)
RJR26 ....... MIL-STD-202 Method 106
96 hours (1 %
ΔTR, 100 Megohms IR)
Vibration ....... 20 G (1 %
ΔTR; 1 % ΔVR)
Shock.......... 100 G (1 %
ΔTR; 1 % ΔVR)
Load Life
RJ26..1,000 hours 0.25 watt @ 85 °C
(2 %
ΔTR; 1 % ΔVR)
RJR26 .10,000 hours 0.25 watt @ 85 °C
(3 %
ΔTR)
Rotational Life........................ 200 cycles
(2 %
ΔTR)
Physical Characteristics
Torque............................. 3.0 oz-in. max.
Mechanical Stops ................. Wiper idles
Terminals ..... MIL-STD-202; Method 208
Weight ..................................... 0.015 oz.
Marking................. Mil-spec part number
Wiper ............... 50 % (Actual TR) ±10 %
Flammability .......................... U.L. 94V-0
Standard Packaging ..... 50 pcs. per tube
Adjustment Tool .............................. H-90
Product Dimensions
REV. 04/14
Standard Resistance Table
How To Order
RJ26 F W 202
Model
Characteristic
F = ±100 ppm/°C Temp. Coeff. Max.
Terminal Style
Resistance Code
MIL-PRF-22097
How To Order
RJR26 F W 204 P
Model
Characteristic
F = ±100 ppm/°C Temp. Coeff. Max.
Terminal Style
Resistance Code
Failure Rate
M = 1.0 %
P = 0.1 %
R = 0.01 %
MIL-PRF-39035
Resistance Resistance
(Ohms)
Code
10
100
20
200
50
500
100
101
200
201
500
501
1,000
102
2,000
202
5,000
502
Resistance Resistance
(Ohms)
Code
10,000
103
20,000
203
25,000
253
50,000
503
100,000
104
200,000
204
250,000
254
500,000
504
1,000,000
105


Similar Part No. - RJR26FW204R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJR26FW204R BOURNS-RJR26FW204R Datasheet
203Kb / 1P
   Trimming Potentiometer
More results

Similar Description - RJR26FW204R

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
RJR26FW502R BOURNS-RJR26FW502R Datasheet
145Kb / 2P
   RJ26/RJR26 - 1/4 ??Trimpot짰 Trimming Potentiometer
RJR26FW504R BOURNS-RJR26FW504R Datasheet
204Kb / 1P
   RJ26/RJR26 - 1/4 Trimpot Trimming Potentiometer
RJR26FX203R BOURNS-RJR26FX203R Datasheet
204Kb / 1P
   RJ26/RJR26 - 1/4 Trimpot Trimming Potentiometer
RJ26FX504 BOURNS-RJ26FX504 Datasheet
204Kb / 1P
   RJ26/RJR26 - 1/4 Trimpot Trimming Potentiometer
RJ26FX203 BOURNS-RJ26FX203 Datasheet
127Kb / 1P
   RJ26/RJR26 - 1/4 Trimpot Trimming Potentiometer
RJR26FX103R BOURNS-RJR26FX103R Datasheet
204Kb / 1P
   RJ26/RJR26 - 1/4 Trimpot Trimming Potentiometer
RJR26FX102R BOURNS-RJR26FX102R Datasheet
127Kb / 1P
   RJ26/RJR26 - 1/4 Trimpot Trimming Potentiometer
3262 BOURNS-3262 Datasheet
127Kb / 1P
   1/4 Trimpot짰 Trimming Potentiometer
3262W-1-103LF BOURNS-3262W-1-103LF Datasheet
127Kb / 1P
   3262 - 1/4 Trimpot짰 Trimming Potentiometer
3362P-1-201LF BOURNS-3362P-1-201LF Datasheet
356Kb / 2P
   3362 - 1/4 ??Square Trimpot짰 Trimming Potentiometer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com