Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B11-029-366-151 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # B11-029-366-151
Description  FOR MORE INFORMATION PLEASE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B11-029-366-151 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  B11-029-366-151 Datasheet HTML 1Page - List of Unclassifed Manufacturers B11-029-366-151 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B10 – 029 -2 66 -0 3 2
Series
B10 – Receptacle
B11 – Plug
Number of Contacts
Contact Finish
2 – Gold flash
3 – 15u” gold
6 – 30u” gold
Connector Type
20 – Vertical PCB
22 – Solder terminal
66 – Right angle
Insulator Colour
0 – White
1 – Black
Grounding Feature
1 – 0.120 diameter hole
3 – 2 prong boardlock
5 – Solder post
Mounting Option
1 – 0.120 diameter hole
2 – 4-40 threaded insert
ORDERING GUIDE
FOR MORE INFORMATION PLEASE EMAIL edac@edac.net
Phone: 416-754-3322
Fax: 416-754-3299


Similar Part No. - B11-029-366-151

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
B11 DBLECTRO-B11 Datasheet
195Kb / 1P
   FEMALE HEADER PROFILE : 8.6mm RIGHT ANGLE
logo
List of Unclassifed Man...
B11 ETC2-B11 Datasheet
62Kb / 4P
   Thermal Cutout Temperature Protection for Coils/Windings
logo
Micrel Semiconductor
B11 MICREL-B11 Datasheet
941Kb / 14P
   Flexible Ultra-Low Jitter Clock Synthesizer
logo
Tripp Lite. All Rights ...
B110-DIN-01 TRIPPLITE-B110-DIN-01 Datasheet
174Kb / 2P
   DIN Rail-Mounting Bracket for Digital Signage, Version 1 - 41 mm mounting distance
B110-DIN-02 TRIPPLITE-B110-DIN-02 Datasheet
163Kb / 2P
   DIN Rail-Mounting Bracket for Digital Signage, Version 2 - 65 mm Mounting Distance
More results

Similar Description - B11-029-366-151

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
180414-0103 MOLEX10-180414-0103 Datasheet
51Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
R10-14L MOLEX-R10-14L Datasheet
50Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
53324-1560 MOLEX-53324-1560 Datasheet
37Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
34729-0082 MOLEX-34729-0082 Datasheet
69Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
35362-1276 MOLEX4-35362-1276 Datasheet
35Kb / 2P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
92315-0820 MOLEX-92315-0820 Datasheet
41Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
92315-1215 MOLEX-92315-1215 Datasheet
41Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
92316-1610 MOLEX-92316-1610 Datasheet
42Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
QS5LV919-100Q MOLEX-QS5LV919-100Q Datasheet
28Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
70107-0009 MOLEX-70107-0009 Datasheet
43Kb / 1P
   PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com