Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHF5JT-E3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # UHF5JT-E3
Description  High Voltage Ultrafast Rectifier
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

UHF5JT-E3 Datasheet(HTML) 2 Page - Vishay Siliconix

  UHF5JT-E3 Datasheet HTML 1Page - Vishay Siliconix UHF5JT-E3 Datasheet HTML 2Page - Vishay Siliconix UHF5JT-E3 Datasheet HTML 3Page - Vishay Siliconix UHF5JT-E3 Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
UH5JT, UHF5JT
www.vishay.com
Vishay General Semiconductor
Revision: 07-Dec-12
2
Document Number: 88999
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Notes
(1)
Pulse test: 300 μs pulse width, 1 % duty cycle
(2)
Pulse test: Pulse width,
 40 ms
RATINGS AND CHARACTERISTICS CURVES (TA = 25 °C unless otherwise noted)
Fig. 1 - Maximum Forward Current Derating Curve
Fig. 2 - Forward Power Loss Characteristics
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP.
MAX.
UNIT
Instantaneous forward voltage (1)
IF = 2.5 A
TA = 25 °C
VF
1.71
-
V
IF = 5.0 A
2.3
3.0
IF = 2.5 A
TA = 125 °C
1.13
-
IF = 5.0 A
1.39
1.8
Reverse current (2)
VR = 600 V
TA = 25 °C
IR
-5.0
μA
TA = 125 °C
-
100
Maximum reverse recovery time
IF = 0.5 A, IR = 1.0 A,
Irr = 0.25 A
trr
-25
ns
IF = 1.0 A, dI/dt = 50 A/μs,
VR = 30 V, Irr = 0.1 IRM
-40
Typical softness factor (tp/ta)
IF = 5 A, dI/dt = 200 A/μs,
VR = 400 V, TJ = 125 °C
S0.55
-
-
Typical reverse recovery current
IRM
5.8
7.0
A
Typical stored charge
Qrr
140
-
nC
Typical forward recovery time
IF = 5 A, dI/dt = 40 A/μs,
VF = 1.1 x VF max.,
tfr
160
-
ns
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
UH5JT
UHF5JT
UNIT
Typical thermal resistance from junction to case
RJC
3.0
6.6
°C/W
ORDERING INFORMATION (Example)
PACKAGE
PREFERRED P/N
UNIT WEIGHT (g)
PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
TO-220AC
UH5JT-E3/4W
1.83
4W
50/tube
Tube
ITO-220AC
UHF5JT-E3/4W
1.70
4W
50/tube
Tube
0
1
2
3
4
5
6
0
25
50
75
100
125
150
175
Resistive or Inductive Load
Case Temperature (°C)
UH5JT
UHF5JT
0
1
2
3
4
5
6
7
8
9
0123456
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
Average Forward Current (A)
D = t
p/T
t
p
T


Similar Part No. - UHF5JT-E3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
UHF5JT-E3-4W VISHAY-UHF5JT-E3-4W Datasheet
126Kb / 4P
   High Voltage Ultrafast Rectifier
Revision: 13-May-08
More results

Similar Description - UHF5JT-E3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STTH112 STMICROELECTRONICS-STTH112_07 Datasheet
88Kb / 7P
   High voltage ultrafast rectifier
STTH310 STMICROELECTRONICS-STTH310_07 Datasheet
85Kb / 7P
   High voltage ultrafast rectifier
logo
Vishay Siliconix
UG8HT VISHAY-UG8HT Datasheet
144Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 12-Nov-07
UH5JT VISHAY-UH5JT_V01 Datasheet
120Kb / 4P
   High Voltage Ultrafast Rectifier
02-Oct-12
UH8JT VISHAY-UH8JT_V01 Datasheet
129Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
logo
STMicroelectronics
STTH240F04 STMICROELECTRONICS-STTH240F04 Datasheet
305Kb / 9P
   Ultrafast high voltage rectifier
May 2015
STTH112 STMICROELECTRONICS-STTH112 Datasheet
60Kb / 6P
   HIGH VOLTAGE ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UGF8XT VISHAY-UGF8XT Datasheet
133Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 21-Aug-13
UG5JT VISHAY-UG5JT_07 Datasheet
143Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 09-Nov-07
UH10JT VISHAY-UH10JT Datasheet
130Kb / 5P
   High Voltage Ultrafast Rectifier
Revision: 25-Aug-08
UGFB5HT VISHAY-UGFB5HT Datasheet
134Kb / 5P
   High Voltage Ultrafast Rectifier
02-Oct-12
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com