Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC4568 Datasheet(PDF) 2 Page - NEC

Part # 2SC4568
Description  NPN SILICON EPITAXIAL TRANSISTOR UHF TV TUNER OSC/MIXER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

2SC4568 Datasheet(HTML) 2 Page - NEC

  2SC4568 Datasheet HTML 1Page - NEC 2SC4568 Datasheet HTML 2Page - NEC 2SC4568 Datasheet HTML 3Page - NEC 2SC4568 Datasheet HTML 4Page - NEC 2SC4568 Datasheet HTML 5Page - NEC 2SC4568 Datasheet HTML 6Page - NEC 2SC4568 Datasheet HTML 7Page - NEC 2SC4568 Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
2SC4568
TYPICAL CHARACTERISTICS (TA = 25
C)
10
20
50
100
200
15
210
20
50
0.5
IC-Collector Current-mA
DC CURRENT GAIN vs.
COLLECTOR CURRENT
VCE = 5 V
0
2
4
6
8
1
5
10
100
0.5
IC-Collector Current-mA
3 V
GAIN BANDWIDTH PRODUCT vs.
COLLECTOR CURRENT
f = 1 GHz
0.1
0.3
0.5
0.7
1.0
2.0
15
7
10
20
3
VCB-Collector to Base Voltage-V
OUTPUT CAPACITANCE vs.
COLLECTOR TO BASE VOLTAGE
VCE = 5 V
250


Similar Part No. - 2SC4568

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
2SC4568 RENESAS-2SC4568 Datasheet
242Kb / 8P
   SILICON TRANSISTOR
2001
More results

Similar Description - 2SC4568

ManufacturerPart #DatasheetDescription
logo
NEC
2SC4569 NEC-2SC4569 Datasheet
51Kb / 8P
   UHF TV TUNER OSC/MIXER NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
KSC2734 SAMSUNG-KSC2734 Datasheet
93Kb / 3P
   NPN (MIXER, OSC. FOR UHF TV TUNER)
logo
NEC
2SC5431 NEC-2SC5431 Datasheet
55Kb / 8P
   NPN EPITAXIAL SILICON TRANSISTOR FOR UHF TUNER OSC/MIX
logo
Toshiba Semiconductor
2SC3862 TOSHIBA-2SC3862_07 Datasheet
614Kb / 4P
   Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
2SC3120 TOSHIBA-2SC3120_07 Datasheet
667Kb / 5P
   Silicon NPN Epitaxial Planar Type TV Tuner, UHF Mixer Applications
logo
Samsung semiconductor
KSC3120 SAMSUNG-KSC3120 Datasheet
67Kb / 2P
   NPN (MIXER FOR UHF TV TUNER)
logo
New Jersey Semi-Conduct...
2SC313 NJSEMI-2SC313 Datasheet
203Kb / 2P
   SILICON NPN TRANSISTOR VHF-UHF AMPLIFIER, MIXER/OSC
logo
Samsung semiconductor
KSC1070 SAMSUNG-KSC1070 Datasheet
146Kb / 4P
   NPN (UHF TV TUNER RF AMPLIFIERLIFIER, MIXER)
logo
NTE Electronics
NTE161 NTE-NTE161 Datasheet
24Kb / 2P
   Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
logo
New Jersey Semi-Conduct...
2SC313 NJSEMI-2SC313 Datasheet
203Kb / 2P
   Silicon NPN Transistor VHF-UHF Amplifier, Mixer/Osc
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com