Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-200X Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-200X
Description  CLOCK OSCILLATOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-200X Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-200X_14 Datasheet HTML 1Page - ECS, Inc. ECS-200X_14 Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
33
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
OSCILLATORS
OSCILLATORS
* Inclusive of 25˚C tolerance, operating temperature range, input voltage change, load change, aging, shock and vibration.
The ECS-200X Series clock oscillator offers
low current drain and is compatible with
HCMOS/LSTTL logic. It is ideal for low
power HCMOS applications. The metal
package with pin #7 case ground acts as
shielding to minimize radiation.
FEATURES
• HCMOS/LSTTL logic compatible
• Wide frequency range
• Low power consumption
• Resistance weld package
• 3.3V operation (optional)
• PbFree/RoHS Compliant
ECS-200X SERIES
CLOCK OSCILLATOR
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PART NUMBERING GUIDE
PART NUMBER *
FREQUENCY STABILITY
ECS-200AX
±100 PPM
ECS-200BX
±50 PPM
ECS-200CX
±25 PPM
* Complete part number to include frequency. i.e. ECS-200AX-100 (100 = 10.000MHz)
PACKAGE DIMENSIONS (mm)
PARAMETERS
FREQUENCY RANGE
CONDITIONS
MINIMUM
TYPICAL
MAXIMUM
UNITS
FREQUENCY RANGE (fo)
1.000 ~ 150.000
1.000
150.000
MHz
OPERATING TEMP. RANGE (TOPR)
1.000 ~ 150.000
0
+70
˚C
STORAGE TEMP. RANGE
(TSTG)
1.000 ~ 150.000
-55
+125
˚C
FREQUENCY STABILITY
1.000 ~ 150.000
All conditions*
-100
+100
PPM
1.000 ~ 20.000
12
mA
20.000 ~ 25.000
15
mA
INPUT CURRENT (IDD)
25.000 ~ 150.000
30
mA
OUTPUT SYMMETRY
50% VDD level
45
50 ±3
55
%
1.000 ~ 25.000
10% ~ 90% VDD level
10
nS
RISE TIME (TR)
25.000 ~ 150.000
10% ~ 90% VDD level
5
nS
1.000 ~ 25.000
90% ~ 10% VDD level
10
nS
FALL TIME (TF)
25.000 ~ 150.000
90% ~ 10% VDD level
5
nS
1.000 ~ 150.000
IOL = 4 mA
0.5
V
OUTPUT VOLTAGE
(VOH)
1.000 ~ 150.000
IOH = -4 mA
4.5
V
1.000 ~ 150.000
VOL = 0.5 V
4
mA
OUTPUT CURRENT
(IOH)
1.000 ~ 150.000
VOH = 4.5 V
-4
mA
1.000 ~ 3.500
HCMOS/LSTTL
15
pF
OUTPUT LOAD
3.510 ~ 150.000
HCMOS/LSTTL
50
pF
1.000 ~ 25.000
5
mS
START-UP TIME (TS)
25.000 ~ 150.000
10
mS
SUPPLY VOLTAGE
1.000 ~ 150.000
+5.0 ±0.25
VDC
(VOL)
(IOL)
0 VDC
40%-60%
-0.5VDC
4.5VDC
1 LEVEL
0 LEVEL
TR
TF
0.45
±0.2
12.2
±0.5
17
14
8
20.8 max
0.45
±0.2
7.62
±0.5
15.24
±0.5
PIN CONNECTIONS
#1
NC
#7
CASE GND
#8
OUTPUT
#14
+5 V DC
Figure 1) ECS-200X Series – Top, Bottom and Side views
Figure 2) Output Wave Form
Figure 3) Pin Connection


Similar Part No. - ECS-200X_14

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results

Similar Description - ECS-200X_14

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-4000-DAA-B VECTRON-PX-4000-DAA-B Datasheet
320Kb / 4P
   Clock Oscillator
PX-5010-EAJ105 VECTRON-PX-5010-EAJ105 Datasheet
1Mb / 7P
   Clock Oscillator
PX-7010-DAJ-105 VECTRON-PX-7010-DAJ-105 Datasheet
1Mb / 7P
   Clock Oscillator
logo
List of Unclassifed Man...
ECS-100 ETC1-ECS-100 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
logo
ON Semiconductor
NBXDBB017 ONSEMI-NBXDBB017 Datasheet
131Kb / 8P
   Clock Oscillator
March, 2009 ??Rev. 2
logo
List of Unclassifed Man...
FXO25TABF ETC2-FXO25TABF Datasheet
129Kb / 1P
   CLOCK OSCILLATOR
logo
Advanced Crystal Techno...
90H57 ACT-90H57 Datasheet
174Kb / 2P
   Clock oscillator
01/02/2017
logo
List of Unclassifed Man...
CCO-014S ETC2-CCO-014S Datasheet
116Kb / 1P
   Clock Oscillator
logo
Crystek Corporation
CUSO33XX CRYSTEKCRYSTAL-CUSO33XX Datasheet
111Kb / 1P
   Clock Oscillator
logo
ECS, Inc.
ECS-200 ECS-ECS-200 Datasheet
100Kb / 1P
   CLOCK OSCILLATOR
ECS-200X ECS-ECS-200X Datasheet
182Kb / 1P
   CLOCK OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com