Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ECS-1X5X Datasheet(PDF) 1 Page - ECS, Inc.

Part # ECS-1X5X
Description  32.768 KHz TUNING FORK
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ECS [ECS, Inc.]
Direct Link  http://www.ecsxtal.com
Logo ECS - ECS, Inc.

ECS-1X5X Datasheet(HTML) 1 Page - ECS, Inc.

  ECS-1X5X Datasheet HTML 1Page - ECS, Inc. ECS-1X5X Datasheet HTML 2Page - ECS, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
3
ECS, INC. INTERNATIONAL 1105 S. RIDGEVIEW, OLATHE, KS 66062 • 913-782-7787 • 800-237-1041 • FAX 913-782-6991 • WWW.ECSXTAL.COM
CRYSTALS
CRYSTALS
8.2 Max.
10
ECS tuning fork type crystals are used as a
clock source in communication equipment,
measuring instruments, microprocessors and
other time management applications. Their
low power consumption makes these crystals
ideal for portable equipment.
FEATURES
• Cost effective
• Tight tolerance
• Long term stability
• Excellent resistance and
environmental characteristics
• PbFree/RoHS Compliant
ECS-3X8X, 2X6X, 1X5X
32.768 KHz TUNING FORK
PACKAGE DIMENSIONS (mm)
OPERATING CONDITIONS/ELECTRICAL CHARACTERISTICS
PARAMETERS
ECS-3X8X
ECS-2X6X
ECS-1X5X
UNITS
NOMINAL FREQUENCY
Fo
32.768
32.768
32.768
KHz
FREQUENCY TOLERANCE
Δ
f/fo
±20
±20
±20
PPM
LOAD CAPACITANCE (typ.)
CL
12.5
12.5
8.0
pF
DRIVE LEVEL (max.)
DL
1
1
1
µW
RESISTANCE AT SERIES RESONANCE
R1
35 (max.)
35 (max.)
40 (max.)
Q-FACTOR
Q
90,000 (typ.)
70,000 (typ.)
80,000 (typ.)
TURNOVER TEMPERATURE
TM
+25 ±5
+25 ±5
+25 ±5
˚C
TEMPERATURE COEFFICIENT
ß
-0.040ppm/˚C
2 max.
-0.040ppm/˚C
2 max.
-0.040ppm/˚C
2 max.
PPM/(ΔC˚)
SHUNT CAPACITANCE
Co
1.60 (typ.)
1.35 (typ.)
1.00 (typ.)
pF
CAPACITANCE RATIO
460 (typ.)
450 (typ.)
400 (typ.)
OPERATING TEMP. RANGE
TOPR
-10~+60
˚C
STORAGE TEMP. RANGE
TSTG
-40~+85
˚C
SHOCK RESISTANCE
Drop test 3 times on hard wooden board from height of 75cm / ±5 PPM max.
PPM
INSULATION RESISTANCE
IR
500MΩ min./DC100V
AGING (FIRST YEAR)
Δ
f/fo
±3 PPM max. @ +25˚C ±3˚C
PPM
MOTIONAL CAPACITANCE
C1
0.0035 (typ.)
0.0030 (typ.)
0.0025 (typ.)
pF
PART NUMBERING GUIDE “EXAMPLE”
MANUFACTURER
FREQUENCY
LOAD CAPACITANCE
PACKAGE TYPE*
ECS
.327
12.5
8X
ECS
.327
12.5
13X
ECS
.327
8
14X
Figure 1) ECS-3X8X
6.2 Max.
10
Figure 2) ECS-2X6X
5.1 Max.
4.3
Figure 3) ECS-1X5X
* Package type examples (8X=3x8, 13X=2x6, 14X=1x5)
Note: Contact factory for optional load capacitance.
RECOMMENDED OSCILLATION
CIRCUIT
ELECTRICAL CHARACTERISTICS
IC: TC 4069P
Rf: 10MΩ
Rd: 330KΩ (As required)
C1 = 22pF, C2 = 22pF
VDD = 3.0V
Rf
Rd
C2
C1
In this circuit, low drive level with a maximum of 1µW is rec-
ommended. If excessive drive is applied, irregular oscillation
or quartz element fractures may occur.
PARABOLIC TEMPERATURE CURVE
-20
-10
-20
-30
-40
-50
-60
-10
0
10
203040 50
60
70
f/f (PPM)
T (˚C)
To determine frequency stability, use parabolic
curvature. For example: What is the stability at 45˚C?
1) Change in T (˚C)
= 45 -25 = 20˚C
2) Change in frequency
= -0.04 PPM x (ΔT) 2
= -0.04 PPM x (20) 2
= -16.0 PPM


Similar Part No. - ECS-1X5X

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-1X5X ECS-ECS-1X5X Datasheet
164Kb / 1P
   32.768 KHz TUNING FORK
More results

Similar Description - ECS-1X5X

ManufacturerPart #DatasheetDescription
logo
ECS, Inc.
ECS-3X8X ECS-ECS-3X8X Datasheet
164Kb / 1P
   32.768 KHz TUNING FORK
logo
Oscilent Corporation
QC-111 OSCILENT-QC-111 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
111-000312-10 OSCILENT-111-000312-10 Datasheet
140Kb / 3P
   32.768 KHz Tuning Fork
logo
List of Unclassifed Man...
ECS-3X8 ETC1-ECS-3X8 Datasheet
80Kb / 1P
   32.768 KHz TUNING FORK CRYSTALS
logo
MICORO CRYSTAL SWITZERL...
CC7V-T1A MICROCRYSTAL-CC7V-T1A Datasheet
124Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1ALOWESR MICROCRYSTAL-CM7V-T1ALOWESR_16 Datasheet
257Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM8V-T1A0.3 MICROCRYSTAL-CM8V-T1A0.3_17 Datasheet
808Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM7V-T1A_0.3 MICROCRYSTAL-CM7V-T1A_0.3 Datasheet
115Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CM8V-T1A MICROCRYSTAL-CM8V-T1A_18 Datasheet
811Kb / 2P
   Tuning Fork Crystal 32.768 kHz
CC8V-T1A MICROCRYSTAL-CC8V-T1A_17 Datasheet
1,004Kb / 2P
   Tuning Fork Crystal 32.768 kHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com