Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

622-025-260-032 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # 622-025-260-032
Description  Two contact rows with .318 (8.08mm) footprint right-angle bend.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

622-025-260-032 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  622-025-260-032 Datasheet HTML 1Page - List of Unclassifed Manufacturers 622-025-260-032 Datasheet HTML 2Page - List of Unclassifed Manufacturers 622-025-260-032 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image


Similar Part No. - 622-025-260-032

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
622-025-260-032 EDAC-622-025-260-032 Datasheet
363Kb / 2P
   622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
More results

Similar Description - 622-025-260-032

ManufacturerPart #DatasheetDescription
logo
EDAC, All Rights Reserv...
621-SERIES EDAC-621-SERIES Datasheet
363Kb / 2P
   621 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Plug
622-SERIES EDAC-622-SERIES Datasheet
363Kb / 2P
   622 Series D-Sub Connectors | Two Contact Rows with .318"(8.08mm) Footprint Right Angle Bend | Receptacle
logo
List of Unclassifed Man...
624-025-261-033 ETC2-624-025-261-033 Datasheet
673Kb / 3P
   Two contact rows with .200 (5.08mm) footprint right-angle bend.
626-037-562-043 ETC2-626-037-562-043 Datasheet
731Kb / 3P
   Two contact rows with. 590 (14.99mm) footprint right-angle bend.
632-015-266-033 ETC2-632-015-266-033 Datasheet
560Kb / 3P
   High-density there contact rows with 125 footprint right angle bend
logo
EDAC, All Rights Reserv...
624-SERIES EDAC-624-SERIES Datasheet
373Kb / 2P
   624 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Receptacle
629-SERIES EDAC-629-SERIES Datasheet
353Kb / 2P
   629 Series D-Sub Connectors | Two Contact Rows with .406"(10.30mm) Footprint Right Angle Bend | Plug
logo
List of Unclassifed Man...
634-015-632-042 ETC2-634-015-632-042 Datasheet
1Mb / 2P
   High-density three contact rows with .350 (8.89) footprint right angle bend
logo
EDAC, All Rights Reserv...
626-SERIES EDAC-626-SERIES Datasheet
357Kb / 2P
   626 Series D-Sub Connectors | Two Contact Rows with .584"(14.84mm) Footprint Right Angle Bend | Receptacle
623-SERIES EDAC-623-SERIES Datasheet
373Kb / 2P
   623 Series D-Sub Connectors | Two Contact Rows with .197"(5.00mm) Footprint Right Angle Bend | Plug
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com