Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A20-108-661-310 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # A20-108-661-310
Description  RJ45 MODULAR JACK WITH LED
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

A20-108-661-310 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  A20-108-661-310 Datasheet HTML 1Page - List of Unclassifed Manufacturers A20-108-661-310 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS:
FCC Compliance: Part 68 Sub Part F
Insulator Housing: Black thermoplastic PBT or Nylon, UL 94V-0
Contact Material: Phosphor Bronze
Contact Plating: Gold Flash or Selective Gold Plating over Nickel
Contact Resistance: 20 milliOHMS maximum
Insulation Resistance: 500 MEGOHMS minimium
Current Rating: 1.5 Amps maximum
RJ45 MODULAR JACK WITH LED
FEATURES:
Combined functionality of series A00 RJ45 Cat.5 Jacks with the signal
capabilities of independent LED's mounted within the jack housing
Each jack can have one or two LED's
LED's available as either a single color with matching colored lens, or
as a bi-color variant that utilizes a clear lens
Bi-color LED's can be made to change color simply by reversing the
voltage polarity
Custom LED color combinations are available, as well as, the selective
loading of contacts, custom contact plating and special shielding
Right angle jacks can be made with a larger housing that allows
custom specified filter components
A20
Example Part Number:
Phone: (416) - 754 - 3322
Fax: (416) - 754 - 3299
Email: CustomerService@edac.net
Website: www.edac.net
SERIES:
RJ45 MODULAR JACK W/ LED
A20-108-261-310
NO. OF PORTS:
1 - 1 PORT
2 - 2 PORTS
.
.
8 - 8 PORTS
NO. OF CONTACTS
08 - 8 CONTACTS ON 1PORT
16 - 16 CONTACTS ON 2 PORTS
.
.
64 - 64 CONTACTS ON 8 PORTS
AA - 128 CONTACTS ON DUAL ROW 8 PORTS
CONTACT PLATING:
2 - GOLD FLASH
3 - 15 MICROINCHES OF GOLD
6 - 30 MICROINCHES OF GOLD
9 - 50 MICROINCHES OF GOLD
PORT TYPE:
0 -
SINGLE ROW OF PORT
1 -
TWO ROW OF PORTS
SHIELDING:
0 - NO SHIELD
1 - METAL SHIELD
LEFT LED COLOR:
0 - BLANK
1 - YELLOW
2 - RED
3 - GREEN
4 - BI-COLOR (GREEN/YELLOW)
5 - BI-COLOR (RED/GREEN)
6 - BI-COLOR (GREEN/ORANGE)
7 - BI-COLOR (RED/YELLOW)
8 - ORANGE
CONTACT TAIL TYPE:
2 - VERTICAL
6 - RIGHT ANGLE
7 - VERTICAL SURFACE MOUNT
8 - RIGHT ANGLE SURFACE MOUNT
9 - SURFACE MOUNT ONLY IN SINGLE PORT
RIGHT LED COLOR:
0 - BLANK
1 - YELLOW
2 - RED
3 - GREEN
4 - BI-COLOR (GREEN/YELLOW)
5 - BI-COLOR (RED/GREEN)
6 - BI-COLOR (GREEN/ORANGE)
7 - BI-COLOR (RED/YELLOW)
8 - ORANGE


Similar Part No. - A20-108-661-310

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A20-LC-TR ASSMANN-A20-LC-TR Datasheet
97Kb / 1P
   ASS 6449 CO
A20-LC-TT ASSMANN-A20-LC-TT Datasheet
211Kb / 1P
   ASS 0810 CO
A20-LCG-T-R ASSMANN-A20-LCG-T-R Datasheet
296Kb / 1P
   Low Cost IC Socket, Gold Version
More results

Similar Description - A20-108-661-310

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-2004-2-4-LPS-N-R ASSMANN-A-2004-2-4-LPS-N-R Datasheet
228Kb / 1P
   MODULAR JACK, RJ45
A-2004-2-4-LP-FS-N-R ASSMANN-A-2004-2-4-LP-FS-N-R Datasheet
234Kb / 1P
   MODULAR JACK, RJ45
logo
VITALCONN ELECTRONICS H...
JS261112DPA3 VITALCONN-JS261112DPA3 Datasheet
190Kb / 1P
   RJ45 Modular Jack 2X6 W/LED, Shielded
REV: A
logo
Assmann Electronics Inc...
A-2014-2S-4-N-R ASSMANN-A-2014-2S-4-N-R Datasheet
57Kb / 1P
   MODULAR JACK, RJ45 TOP ENTRY
A-2004-2-4-LP-SMT-R ASSMANN-A-2004-2-4-LP-SMT-R Datasheet
230Kb / 1P
   MODULAR JACK, RJ45, SMT VERSION
logo
Amphenol Corporation
RJHSE538X AMPHENOL-RJHSE538X Datasheet
1Mb / 2P
   HIGH SPEED, RJ45, MODULAR JACK
logo
Pulse A Technitrol Comp...
E5288-3FOB41-L PULSE-E5288-3FOB41-L Datasheet
67Kb / 1P
   RJ45 TOP ENTRY PCB MODULAR JACK
E5288-310041-L PULSE-E5288-310041-L Datasheet
75Kb / 1P
   RJ45 TOP ENTRY PCB MODULAR JACK
E5288-320044-L PULSE-E5288-320044-L Datasheet
92Kb / 1P
   RJ45 TOP ENTRY PCB MODULAR JACK
logo
Assmann Electronics Inc...
A-2004-2-4-LP-FS-R ASSMANN-A-2004-2-4-LP-FS-R Datasheet
215Kb / 1P
   Modular Jack, RJ45, 90, Side Entry
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com