Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

821-IF70.0M-16C Datasheet(PDF) 6 Page - Oscilent Corporation

Part # 821-IF70.0M-16C
Description  70.00 MHz IF SAW Filter 16.10 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

821-IF70.0M-16C Datasheet(HTML) 6 Page - Oscilent Corporation

  821-IF70.0M-16C Datasheet HTML 1Page - Oscilent Corporation 821-IF70.0M-16C Datasheet HTML 2Page - Oscilent Corporation 821-IF70.0M-16C Datasheet HTML 3Page - Oscilent Corporation 821-IF70.0M-16C Datasheet HTML 4Page - Oscilent Corporation 821-IF70.0M-16C Datasheet HTML 5Page - Oscilent Corporation 821-IF70.0M-16C Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Oscilent Part Number
821-IF70.0M-16C
January 2011 Rev A
70.00 MHz IF SAW Filter 16.10 MHz Bandwidth
Product Specification
P. 5
www.oscilent.com
VSWR


Similar Part No. - 821-IF70.0M-16C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF70.0M-10B OSCILENT-821-IF70.0M-10B Datasheet
271Kb / 6P
   70.0 MHz IF SAW Filter 10.40 MHz Bandwidth
821-IF70.0M-14A OSCILENT-821-IF70.0M-14A Datasheet
180Kb / 6P
   70.0 MHz IF SAW Filter 14.0MHz Bandwidth
821-IF70.0M-15A OSCILENT-821-IF70.0M-15A Datasheet
279Kb / 6P
   70.0 MHz IF SAW Filter 15.35 MHz Bandwidth
821-IF70.0M-19D OSCILENT-821-IF70.0M-19D Datasheet
213Kb / 6P
   70.0 MHz IF SAW Filter 19.40 MHz Bandwidth
More results

Similar Description - 821-IF70.0M-16C

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA07016CD1 TRANSKO-TA07016CD1 Datasheet
533Kb / 4P
   70.0 MHz IF SAW Filter / 16.10 MHz Bandwidth
Revision 0: 22 Jul. 2009
TL07016BT TRANSKO-TL07016BT Datasheet
675Kb / 4P
   70.00 MHz IF SAW Filter / 16.80 MHz Bandwidth
Revision 0: 27 Dec. 2010
TL07005AV TRANSKO-TL07005AV Datasheet
674Kb / 5P
   70.00 MHz IF SAW Filter / 6.10 MHz Bandwidth
Revision 0: 15 Feb. 2012
TL07012AV TRANSKO-TL07012AV Datasheet
766Kb / 5P
   70.00 MHz IF SAW Filter / 12.40 MHz Bandwidth
Revision 0: 15 Feb. 2012
TF-007004-S90 TRANSKO-TF-007004-S90 Datasheet
623Kb / 4P
   70.00 MHz IF SAW Filter / 26.00 MHz Bandwidth
Revision 0: 09 Jan. 2013
TL7040AD TRANSKO-TL7040AD Datasheet
391Kb / 3P
   70.00 MHz IF SAW Filter / 39.7 MHz Bandwidth
Revision 1: 29 Oct. 2007
TL07018AV TRANSKO-TL07018AV Datasheet
538Kb / 4P
   70.00 MHz IF SAW Filter / 18.10 MHz Bandwidth
Revision 0: 22 Jul 2009
TA07009AD TRANSKO-TA07009AD Datasheet
648Kb / 4P
   70.00 MHz IF SAW Filter / 9.30 MHz Bandwidth
Revision 0: 26 Mar. 2012
TL07012BV TRANSKO-TL07012BV Datasheet
764Kb / 5P
   70.00 MHz IF SAW Filter / 12.25 MHz Bandwidth
Revision 0: 05 Mar. 2012
TL7007V TRANSKO-TL7007V Datasheet
442Kb / 3P
   70.00 MHz IF SAW Filter / 6.8 MHz Bandwidth
Revision 2: 14 Apr. 2011
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com