Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

821-IF62.5M-19E Datasheet(PDF) 4 Page - Oscilent Corporation

Part # 821-IF62.5M-19E
Description  62.5 MHz IF SAW Filter 19.45 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

821-IF62.5M-19E Datasheet(HTML) 4 Page - Oscilent Corporation

  821-IF62.5M-19E Datasheet HTML 1Page - Oscilent Corporation 821-IF62.5M-19E Datasheet HTML 2Page - Oscilent Corporation 821-IF62.5M-19E Datasheet HTML 3Page - Oscilent Corporation 821-IF62.5M-19E Datasheet HTML 4Page - Oscilent Corporation 821-IF62.5M-19E Datasheet HTML 5Page - Oscilent Corporation 821-IF62.5M-19E Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Oscilent Part Number
821-IF62.5M-19E
January 2011 Rev A
62.5 MHz IF SAW Filter 19.45 MHz Bandwidth
Product Specification
P. 3
www.oscilent.com
Frequency Response
Bandwidth at –1.0 dB
Bandwidth at –3.0 dB
Bandwidth at –40.0 dB
Wide Band


Similar Part No. - 821-IF62.5M-19E

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF62.5M-19D OSCILENT-821-IF62.5M-19D Datasheet
211Kb / 6P
   62.50MHz IF SAW Filter 19.13 MHz Bandwidth
More results

Similar Description - 821-IF62.5M-19E

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA06219ED1 TRANSKO-TA06219ED1 Datasheet
610Kb / 4P
   62.5 MHz IF SAW Filter / 19.45 MHz Bandwidth
Revision 0: 3. Sep. 2008
TA06219DD1 TRANSKO-TA06219DD1 Datasheet
560Kb / 4P
   62.5 MHz IF SAW Filter / 19.13 MHz Bandwidth
Revision 0: 11. MAR. 2009
logo
Oscilent Corporation
809-SL62.5M-06C OSCILENT-809-SL62.5M-06C Datasheet
213Kb / 6P
   62.5 MHz IF SAW Filter 6.62 MHz Bandwidth
809-SL62.5M-09A OSCILENT-809-SL62.5M-09A Datasheet
257Kb / 6P
   62.5 MHz IF SAW Filter 10.27 MHz Bandwidth
logo
Transko Electronics, In...
TL6220BV TRANSKO-TL6220BV Datasheet
340Kb / 3P
   62.5 MHz IF SAW Filter / 20.5 MHz Bandwidth
Revision 1: 29 Oct. 2007
logo
Oscilent Corporation
813-IF62.5M-20B OSCILENT-813-IF62.5M-20B Datasheet
117Kb / 4P
   62.5 MHz IF SAW Filter 20.5 MHz Bandwidth
813-SL-62.5M-06B OSCILENT-813-SL-62.5M-06B Datasheet
467Kb / 6P
   62.5 MHz IF SAW Filter 6.55 MHz Bandwidth
809-SL62.5M-16A OSCILENT-809-SL62.5M-16A Datasheet
201Kb / 6P
   62.5 MHz IF SAW Filter 16.60 MHz Bandwidth
809-SL62.5M-21A OSCILENT-809-SL62.5M-21A Datasheet
216Kb / 6P
   62.5 MHz IF SAW Filter 21.3 MHz Bandwidth
809-SL62.9M-20E OSCILENT-809-SL62.9M-20E Datasheet
177Kb / 5P
   62.5 MHz IF SAW Filter 21.2 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com