Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-65853 Datasheet(PDF) 2 Page - Pulse A Technitrol Company

Part # PE-65853
Description  COMMON MODE CHOKE CATALOG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-65853 Datasheet(HTML) 2 Page - Pulse A Technitrol Company

  PE-65853 Datasheet HTML 1Page - Pulse A Technitrol Company PE-65853 Datasheet HTML 2Page - Pulse A Technitrol Company PE-65853 Datasheet HTML 3Page - Pulse A Technitrol Company PE-65853 Datasheet HTML 4Page - Pulse A Technitrol Company PE-65853 Datasheet HTML 5Page - Pulse A Technitrol Company PE-65853 Datasheet HTML 6Page - Pulse A Technitrol Company PE-65853 Datasheet HTML 7Page - Pulse A Technitrol Company PE-65853 Datasheet HTML 8Page - Pulse A Technitrol Company PE-65853 Datasheet HTML 9Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
www.pulseeng.com
2
G002.H (9/07)
US 619 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com
Electrical Specifications @ 25°C
SURFACE MOUNT
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
Reduces radiated EMI emissions
Filters common mode noise for
EMI reduction
Common mode attenuation from
100 kHz to 1 GHz
Tape & Reel packaging available for
surface mount parts*
* When ordering Tape & Reel packaging, add a “T” at the end of the part number (i.e. PE-65738T or 23Z106SMT).
NOTE: Additional common mode cokes are available. Please contact Applications Engineering.
Mechanicals
Schematics
.285
7,24
.100
2,54
PE-68624
or
R0003
.004/0,100
.200
5,08
.098
2,50
MAX
1
3
6
4
.260
6,60 MAX
SUGGESTED PAD LAYOUT
.050
1,27
.270
6,86
.070
1,78
.100
2,54
.200
5,08
6 SURFACES
.360
9,14 MAX
PE-68624, R0003
34
16
25
16
34
R0003
PE-68624
Connect unused pin to logic
ground for optimum performance.
Weight . . . . . . . . . . . . . .0.17 grams
Tape & Reel . . . . . . . . . . .1500/reel
Tube . . . . . . . . . . . . . . . . . .60/tube
Primary
Page
Inductance
Common Mode Attenuation
Number
Part
No. of
OCL
(dB TYP)
DCR
of Mech.
Number
Lines
(µH MIN)
(
Ω MAX)
& Schem.
100 KHz
1 MHz
10 MHz
30 MHz
50 MHz 100 MHz
300 MHz 500 MHz 1 GHz
PE-68624
2
47
11
27
40
44
42
36
26
17
0.40
2
PE-65855
2
4700
41
43
49
39
34
26
20
20
12
1.0
4
B2013
2
6300
46
47
43
32
25
29
21
14
16
1.0
3
B4003
2
4700
42
41
48
38
33
21
22
23
17
1.0
6
R0003
3
20
6
14
27
30
30
30
30
28
25
0.40
2
23Z87SM
3
69
9
24
31
30
29
27
21
16
0.20
4
PE-65857
4
22.5
7
20
30
37
38
34
24
13
0.22
4
PE-68627
4
24
8
21
32
36
37
36
30
20
0.25
4
T8003
4
33
9
13
32
32
30
27
16
17
13
0.20
6
23Z4000SMD
4
36
7
23
35
38
38
36
29
24
0.50
5
PE-65738
4
37
8
21
28
28
28
27
25
22
0.30
3
PE-65854
4
47
3
19
32
36
35
29
12
6
0.40
3
23Z104SM
4
68
8
22
28
28
27
25
20
15
0.20
5
PE-67540
4
100
14
33
44
48
49
44
34
29
20
0.60
4
PE-65853
4
4700
40
51
38
30
25
20
14
13
1.20
3
PE-68602
6
21
6
19
28
34
35
36
34
29
1
0.35
3
23Z106SM
6
68
8
22
29
30
30
29
24
19
0.20
5
PE-69011
8
36
8
24
36
39
35
29
18
11
0.35
3
23Z105SM
8
68
8
24
30
29
27
24
16
11
0.20
5
23Z109SM
10
7.5
4
9
20
25
26
24
16
11
0.20
5
T8008
16
47
7
27
40
44
42
36
26
0.40
6


Similar Part No. - PE-65853

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-65853 PULSE-PE-65853 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
PE-65853 PULSE-PE-65853 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-65853 PULSE-PE-65853 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-65853 PULSE-PE-65853 Datasheet
668Kb / 11P
   Reduces radiated EMI emissions
PE-65853 PULSE-PE-65853 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
More results

Similar Description - PE-65853

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
R0003NL PULSE-R0003NL Datasheet
404Kb / 12P
   COMMON MODE CHOKE CATALOG
PE-69011NL PULSE-PE-69011NL Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG
PE-67540T PULSE-PE-67540T Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-67539NL PULSE-PE-67539NL Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com