Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PE-68624T Datasheet(PDF) 6 Page - Pulse A Technitrol Company

Part # PE-68624T
Description  COMMON MODE CHOKE CATALOG
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

PE-68624T Datasheet(HTML) 6 Page - Pulse A Technitrol Company

Back Button PE-68624T Datasheet HTML 2Page - Pulse A Technitrol Company PE-68624T Datasheet HTML 3Page - Pulse A Technitrol Company PE-68624T Datasheet HTML 4Page - Pulse A Technitrol Company PE-68624T Datasheet HTML 5Page - Pulse A Technitrol Company PE-68624T Datasheet HTML 6Page - Pulse A Technitrol Company PE-68624T Datasheet HTML 7Page - Pulse A Technitrol Company PE-68624T Datasheet HTML 8Page - Pulse A Technitrol Company PE-68624T Datasheet HTML 9Page - Pulse A Technitrol Company PE-68624T Datasheet HTML 10Page - Pulse A Technitrol Company Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
US 619 674 8100 •• UK 44 1483 401 700 •• France 33 3 84 35 04 04 •• Singapore 65 6287 8998 •• Taiwan 886 2 2698 0228 •• Hong Kong 852 2788 6588 •• http://www.pulseeng.com
.190
4,83
.340
8,64
.075
1,90
1.50
3,81
.050
1,27
.030
0,76
MAX
.240
6,10
.290
7,37
MAX
Date Code
Rev
Country of Origin
T8055
MAX
.150
3,81
8X .035
0,89
8 SURFACES
.004 / 0,10
TYP
.050
1,27
8 Surfaces
.004/0,10
.345
8,76 MAX
.285
7,24
.100
2,54
8
5
1
4
B4003
Date Code
Country of Origin
MAX
.300
7,62
SUGGESTED PAD LAYOUT
MAX
.355
9,02
.300
7,62
.100
2,54
.270
6,86
.070
1.78
.050
1,27
T8008
DATE CODE
COUNTRY OF ORIGIN
1.125 MAX
28,58
.640 MAX
16,26
.950
24,13
40X .018
0,46
19X .050
1,27
40X .090
2,29
40X .030
0,77
.480
12,19
.050
1,27
19X .050 = .950
1,27
24,13
.004/0,10
40 Surfaces
.010
0,25
0° – 8°
40X .045
1,14
.230 MAX
5,84
.485
12,32
.360
9,14
0°-8°
T8003
Date Code Country of Origin
.450
11,43
.300
7,62
.020
MIN
0,51
TYP
.100
2,54
.210
5,335
.215
5,46
.004/0,10
8 Surfaces
.018
TYP
0,46
3 X
.265
6,73
.100
2,54
.340
8,64
.045
1,14
.300
7,62
.075
1,90
NOTE: The common mode test circuit for surface mount is the same as for through hole and is on the back page.
Dimensions:
Inches
mm
Unless otherwise specified,
all tolerances are ± .005
0,13
Dimensions:
Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . .0.84 grams
Tape & Reel . . . . . . . .750/reel
Tube . . . . . . . . . . . . .100/tube
Weight . . . . . . . . . .0.2 grams
Tape & Reel . . . . . . .1750/reel
Tube . . . . . . . . . . . . . .80/tube
Dimensions:
Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Dimensions:
Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
Weight . . . . . . . . . .4.0 grams
Tape & Reel . . . . . . . .250/reel
Tube . . . . . . . . . . . . . .15/tube
Weight . . . . . . . . . .1.0 grams
Tape & Reel . . . . . . . .425/reel
Tube . . . . . . . . . . . . . .50/tube
T8003
1
8
2
7
3
6
4
5
T8055
3
6
4
5
1
8
2
7
B4003
4
1
5
8
T8008
1
40
2
39
3
38
5
36
6
35
7
34
8
33
31
10
30
29
11
12
28
26
13
15
25
24
16
17
23
21
18
20
T8003
T8055
B4003
T8008
Mechanicals
Schematics
SURFACE MOUNT
COMMON MODE CHOKES
Suited for LAN and Telecom Applications
www.pulseeng.com
6
G002.H (9/07)


Similar Part No. - PE-68624T

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
PE-68624 PULSE-PE-68624 Datasheet
406Kb / 11P
   Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   Reduces radiated EMI emissions
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
More results

Similar Description - PE-68624T

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
R0003NL PULSE-R0003NL Datasheet
404Kb / 12P
   COMMON MODE CHOKE CATALOG
PE-69011NL PULSE-PE-69011NL Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG
PE-67540T PULSE-PE-67540T Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-68624 PULSE-PE-68624 Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
PE-67539NL PULSE-PE-67539NL Datasheet
668Kb / 11P
   COMMON MODE CHOKE CATALOG Suited for LAN and Telecom Applications
logo
List of Unclassifed Man...
XF0306-01S ETC-XF0306-01S Datasheet
34Kb / 1P
   COMMON MODE CHOKE
logo
ice Components, Ins.
C01-0150-02-00 ICE-C01-0150-02-00 Datasheet
373Kb / 2P
   Common Mode Choke
CSO2 ICE-CSO2 Datasheet
307Kb / 2P
   Common Mode Choke
logo
List of Unclassifed Man...
CMK08M02SM ETC-CMK08M02SM Datasheet
57Kb / 1P
   Common-Mode Choke
logo
PCA ELECTRONICS INC.
EPA3685-1 PCA-EPA3685-1 Datasheet
69Kb / 1P
   Common Mode Choke
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com