Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MB25W Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MB25W
Description  HIGH CURRENT SILICON BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MB25W Datasheet(HTML) 1 Page - Diodes Incorporated

  MB25W Datasheet HTML 1Page - Diodes Incorporated MB25W Datasheet HTML 2Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DS21303 Rev. 6 - 3
1 of 2
MB15(W)/25(W)/35(W)
·
High Conductivity
·
Metal Case
·
Superior Thermal Design
·
Surge Ratings to 400A
·
Terminals Solderable per MIL-STD-202,
Method 208
·
Universal Terminals; Snap-on, Solder or P.C.
Board Mounting
Characteristic
Symbol
-05
-1
-2
-4
-6
-8
-10
Units
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
200
400
600
800
1000
V
Maximum RMS Voltage
VRMS
35
70
140
280
420
560
700
V
Maximum DC Blocking Voltage
VDC
50
100
200
400
600
800
1000
V
Maximum Average
MB15
Rectified Output Current
MB25
@ TC = 55
°C
MB35
I(AV)
15.0
25.0
35.0
A
Peak Forward Surge Current Single
MB15
Half Sine-Wave Superimposed on
MB25
Rated Load (JEDEC Method)
MB35
IFSM
300
300
400
A
Maximum Instantaneous @ 7.5A
MB15
Forward Voltage Drop per @12.5A
MB25
Rated Load (JEDEC Method) @17.5A
MB35
VF
1.1
1.1
1.2
V
Maximum Reverse DC current at Rated
@TA =25
°C
DC Blocking Voltage (per Element)
@TA = 100
°C
IR
10
1.0
µA
mA
I2t rating for fusing (8.3ms)
MB15
MB25
MB35
I2t
373
373
664
A2s
Typical Thermal Resistance (Note 1)
RqJC
2.5
°C/W
Operating and Storage Temperature Range
TJ,TSTG
-55 to +150
°C
Features
·
Terminals: 0.25" Faston Terminals
·
Case material - UL Flammability Rating
Classification 94V-0
·
Moisture sensitivity: Level 1 per J-STD-020A
·
Approx Weight: 29 grams
·
Mounting Position: Bolt Down on Heat-sink with
Silicone Thermal Compound Between Bridge and
Mounting Surface for Maximum Heat Transfer
Efficiency
·
Mounting Torque: 20 in. lb. Max.
·
Polarity: Polarity Symbols Marked on Case
Rating at 25°C ambient temperature unless otherwise specified.
Maximum Ratings and Electrical Characteristics
Notes: 1. Thermal Resistance from junction to case
Mechanical Data
C
A
G
E
B
H
(AC)
(AC)
(+)
(-)
H
J
A
C
Suffix “W” denotes wire leads
MB15(W) / 25(W) / 35(W)
HIGH CURRENT SILICON BRIDGE RECTIFIER
MB-35/W
Dim
Min
Max
A
28.4
28.7
B
10.97
11.23
C
15.5
17.6
E
25.4
G
13.3
15.3
H
4.9
Æ Nominal
J
18.6
19.6
All Dimensions in mm
B
J
K
A
A
M
H
L
(AC)
(AC)
(+)
(-)
NOT RECOMMENDED FOR NEW DESIGNS,
USE GBPC15/W, GBPC25/W, OR GBPC35/W
MB-35
MB-35W


Similar Part No. - MB25W

ManufacturerPart #DatasheetDescription
logo
Shenzhen Ping Sheng Ele...
MB25W PFS-MB25W Datasheet
219Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - MB25W

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC12005W PANJIT-GBPC12005W Datasheet
43Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER
GBPC12005 PANJIT-GBPC12005 Datasheet
41Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER
logo
Yea Shin Technology Co....
GL2500 YEASHIN-GL2500 Datasheet
1Mb / 2P
   IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIER
logo
Pan Jit International I...
GL2500 PANJIT-GL2500_05 Datasheet
432Kb / 2P
   IN-LINE HIGH CURRENT SILICON BRIDGE RECTIFIER
logo
Diotech Company.
GBPC15A DIOTECH-GBPC15A Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
GBPC25A DIOTECH-GBPC25A Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
GBPC35A DIOTECH-GBPC35A Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
logo
SUNMATE electronic Co.,...
KBPC10005 SUNMATE-KBPC10005 Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
logo
Diotech Company.
KBPC35A DIOTECH-KBPC35A Datasheet
926Kb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
GBPC15 DIOTECH-GBPC15 Datasheet
1Mb / 2P
   HIGH CURRENT BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com