Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PC123F1J000F Datasheet(PDF) 10 Page - Sharp Corporation

Part # PC123F1J000F
Description  DIP 4pin Reinforced Insulation Type Photocoupler
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC123F1J000F Datasheet(HTML) 10 Page - Sharp Corporation

Back Button PC123F1J000F Datasheet HTML 6Page - Sharp Corporation PC123F1J000F Datasheet HTML 7Page - Sharp Corporation PC123F1J000F Datasheet HTML 8Page - Sharp Corporation PC123F1J000F Datasheet HTML 9Page - Sharp Corporation PC123F1J000F Datasheet HTML 10Page - Sharp Corporation PC123F1J000F Datasheet HTML 11Page - Sharp Corporation PC123F1J000F Datasheet HTML 12Page - Sharp Corporation PC123F1J000F Datasheet HTML 13Page - Sharp Corporation PC123F1J000F Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Sheet No.: D2-A02904EN
■ Design Considerations
While operating at IF<1.0mA, CTR variation may increase.
Please make design considering this fact.
This product is not designed against irradiation and incorporates non-coherent IRED.
● Degradation
In general, the emission of the IRED used in photocouplers will degrade over time.
In the case of long term operation, please take the general IRED degradation (50% degradation over 5years)
into the design consideration.
● Recommended Foot Print (reference)
✩ For additional design assistance, please review our corresponding Optoelectronic Application Notes.
10
SMT Gullwing lead-form
Wide SMT Gullwing lead-form
10.2
2.2
8.2
2.2
(Unit : mm)
● Design guide
■ Design Considerations
PC123J00000F Series


Similar Part No. - PC123F1J000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123F SHARP-PC123F Datasheet
79Kb / 4P
   European Safety Standard Approved Type Long Creepage Distance Photocoupler
PC123F02J00F SHARP-PC123F02J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FJ0000F SHARP-PC123FJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
More results

Similar Description - PC123F1J000F

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC123B SHARP-PC123B Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123CJ0000F SHARP-PC123CJ0000F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123P2 SHARP-PC123P2 Datasheet
280Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123Y22J00F SHARP-PC123Y22J00F Datasheet
294Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY2J00F SHARP-PC123FY2J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123XNNSZ0F SHARP-PC123XNNSZ0F Datasheet
287Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC123FY8J00F SHARP-PC123FY8J00F Datasheet
333Kb / 16P
   DIP 4pin Reinforced Insulation Type Photocoupler
PC12311NSZ0F SHARP-PC12311NSZ0F Datasheet
491Kb / 16P
   DIP 4pin Reinforced Insulation Type, High CMR, Low Input Current Photocoupler
PC817XXNSZ1B SHARP-PC817XXNSZ1B Datasheet
1Mb / 14P
   DIP 4pin Photocoupler
DATE Jan.15.2018
PC3SH21YFZ SHARP-PC3SH21YFZ Datasheet
308Kb / 15P
   VDRM : 600V, Reinforced insulation type Zero cross type DIP 4pin Phototriac Coupler for triggering
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com