Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10-89-4142 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 10-89-4142
Description  2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 14
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

10-89-4142 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  10-89-4142 Datasheet HTML 1Page - Molex Electronics Ltd. 10-89-4142 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
A-70216-0240
Reference - Drawing Numbers
Product Specification
PS-70216
Sales Drawing
SD-70216-001
This document was generated on 04/16/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 10-89-4142

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10-89-4142 MOLEX1-10-89-4142 Datasheet
130Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 14 Circuits, 6.10mm (.240") Mating Pin Length, 0.38關m (15關") Gold (Au) Selective Plating
10-89-4142 MOLEX-10-89-4142 Datasheet
132Kb / 4P
   RT. ANG. WAFER ASSY 2.54/00 GRID, DUAL ROW BREAKAWAY 0.64/.025 PINS
2010/10/06
More results

Similar Description - 10-89-4142

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10-88-3141 MOLEX11-10-88-3141 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 14
10-89-4146 MOLEX11-10-89-4146 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 14
0717640030 MOLEX8-0717640030 Datasheet
131Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right Angle,2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right Angle,
10-89-4186 MOLEX11-10-89-4186 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 18
10-89-4082 MOLEX11-10-89-4082 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 8
10-89-4086 MOLEX11-10-89-4086 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 8
10-88-3241 MOLEX11-10-88-3241 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 24
10-89-4042 MOLEX11-10-89-4042 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 4
10-89-4126 MOLEX11-10-89-4126 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 12
10-89-4162 MOLEX11-10-89-4162 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 16
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com