Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTD120C10KQ8 Datasheet(PDF) 5 Page - Cystech Electonics Corp.

Part # MTD120C10KQ8
Description  P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTD120C10KQ8 Datasheet(HTML) 5 Page - Cystech Electonics Corp.

  MTD120C10KQ8 Datasheet HTML 1Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 2Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 3Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 4Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 5Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 6Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 7Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 8Page - Cystech Electonics Corp. MTD120C10KQ8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C945Q8
Issued Date : 2014.01.03
Revised Date :
Page No. : 5/12
MTD120C10KQ8
CYStek Product Specification
Typical Characteristics(Cont.) : Q1( N-channel)
Capacitance vs Drain-to-Source Voltage
10
100
1000
0.1
1
10
100
VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250μA
ID=1mA
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
ID, Drain Current(A)
VDS=10V
Pulsed
Ta=25°C
Gate Charge Characteristics
0
2
4
6
8
10
02
46
8
10
Qg, Total Gate Charge(nC)
ID=2.4A
VDS=50V
VDS=80V
Maximum Safe Operating Area
0.001
0.01
0.1
1
10
100
0.1
1
10
100
1000
VDS, Drain-Source Voltage(V)
TA=25°C, Tj=150°C
VGS=10V, θJA=78°C/W
Single Pulse
DC
100ms
RDSON
Limited
100μs
10ms
1ms
1s
Maximum Drain Current vs Junction Temperature
0
0.5
1
1.5
2
2.5
3
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C
VGS=10V
RθJA=78°C/W


Similar Part No. - MTD120C10KQ8

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
MTD120C10KQ8 DOINGTER-MTD120C10KQ8 Datasheet
2Mb / 7P
   N-Channel and P-Channel MOSFET uses advanced trench technology
More results

Similar Description - MTD120C10KQ8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC2402Q8 CYSTEKEC-MTC2402Q8 Datasheet
382Kb / 13P
   P-Channel Logic Level Enhancement Mode MOSFET
MTC1016S6R CYSTEKEC-MTC1016S6R Datasheet
363Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P1203EEA UNIKC-P1203EEA Datasheet
910Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5B7BA UNIKC-PE5B7BA Datasheet
906Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5A1BA UNIKC-PE5A1BA Datasheet
886Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE537BA UNIKC-PE537BA Datasheet
536Kb / 5P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5A1BA UNIKC-PK5A1BA Datasheet
813Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
P5103EMG UNIKC-P5103EMG Datasheet
761Kb / 8P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5B3BA UNIKC-PK5B3BA Datasheet
818Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTC2590V8 CYSTEKEC-MTC2590V8 Datasheet
418Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
PK501BA UNIKC-PK501BA Datasheet
810Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com