Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTC8959G6 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTC8959G6
Description  P-Channel Enhancement Mode MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC8959G6 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTC8959G6 Datasheet HTML 1Page - Cystech Electonics Corp. MTC8959G6 Datasheet HTML 2Page - Cystech Electonics Corp. MTC8959G6 Datasheet HTML 3Page - Cystech Electonics Corp. MTC8959G6 Datasheet HTML 4Page - Cystech Electonics Corp. MTC8959G6 Datasheet HTML 5Page - Cystech Electonics Corp. MTC8959G6 Datasheet HTML 6Page - Cystech Electonics Corp. MTC8959G6 Datasheet HTML 7Page - Cystech Electonics Corp. MTC8959G6 Datasheet HTML 8Page - Cystech Electonics Corp. MTC8959G6 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C862G6
Issued Date : 2012.08.15
Revised Date : 2012.11.21
Page No. : 2/13
MTC8959G6
CYStek Product Specification
Absolute Maximum Ratings (Ta=25
°C)
Limits
Parameter
Symbol
N-channel P-channel
Unit
Drain-Source Breakdown Voltage
BVDSS
100
-100
V
Gate-Source Voltage
VGS
±
20
±
20
V
TA=25°C ,VGS=10V(N-CH),
VGS=-10V(P-CH)
ID
1.4
-1.1
A
Continuous Drain
Current (Note 1)
TA=70°C, VGS=10V(N-CH),
VGS=-10V(P-CH)
ID
1.1
-0.88
A
Pulsed Drain Current (Note 2)
IDM
5.6
-4.4
A
Pd
1.25
W
Total Power Dissipation (Note 1)
Linear Derating Factor
0.01
W /
°C
Operating Junction and Storage Temperature
Tj, Tstg
-55~+150
°C
Thermal Resistance, Junction-to-Ambient (Note 1)
Rth,ja
100
°C/W
Note : 1.Surface mounted on 1 in² copper pad of FR-4 board, t≤5 sec; 180
°C/W when mounted on minimum copper pad
2.
Pulse width limited by maximum junction temperature
N-Channel Electrical Characteristics (Tj=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
100
-
-
V
VGS=0, ID=250μA
VGS(th)
1
1.9
2.5
V
VDS=VGS, ID=250μA
IGSS
-
-
±100
nA
VGS=±20V, VDS=0
IDSS
-
-
1
μA
VDS=80V, VGS=0
IDSS
-
-
10
μA
VDS=80V, VGS=0, Tj=70
°C
-
280
420
VGS=10V, ID=1.4A
*RDS(ON)
-
295
450
m
Ω
VGS=4.5V, ID=1A
*GFS
-
2.5
-
S
VDS=10V, ID=1.4A
Dynamic
Ciss
-
545
-
Coss
-
14
-
Crss
-
11
-
pF
VDS=30V, VGS=0, f=1MHz
*td(ON)
-
9
-
*tr
-
26
-
*td(OFF)
-
39
-
*tf
-
9
-
ns
VDS=50V, ID=1A, VGS=10V, RG=10Ω
*Qg
-
6.8
-
*Qgs
-
1.4
-
*Qgd
-
2.4
-
nC
VDS=50V, ID=1.4A, VGS=10V
Source-Drain Diode
*VSD
-
0.77
1.2
V
VGS=0V, IS=1A
*trr
-
15
-
ns
*Qrr
-
8
-
nC
IS=1A, VGS=0V, dI/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Similar Part No. - MTC8959G6

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC8958G6 CYSTEKEC-MTC8958G6 Datasheet
412Kb / 13P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
VBsemi Electronics Co.,...
MTC8958G6 VBSEMI-MTC8958G6 Datasheet
607Kb / 10P
   N- and P-Channel 20V (D-S) MOSFET
logo
Cystech Electonics Corp...
MTC8958Q8 CYSTEKEC-MTC8958Q8 Datasheet
457Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
More results

Similar Description - MTC8959G6

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com