Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTC8404V8 Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTC8404V8
Description  P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC8404V8 Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTC8404V8 Datasheet HTML 1Page - Cystech Electonics Corp. MTC8404V8 Datasheet HTML 2Page - Cystech Electonics Corp. MTC8404V8 Datasheet HTML 3Page - Cystech Electonics Corp. MTC8404V8 Datasheet HTML 4Page - Cystech Electonics Corp. MTC8404V8 Datasheet HTML 5Page - Cystech Electonics Corp. MTC8404V8 Datasheet HTML 6Page - Cystech Electonics Corp. MTC8404V8 Datasheet HTML 7Page - Cystech Electonics Corp. MTC8404V8 Datasheet HTML 8Page - Cystech Electonics Corp. MTC8404V8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C914V8
Issued Date : 2013.09.30
Revised Date :
Page No. : 2/12
MTC8404V8
CYStek Product Specification
Absolute Maximum Ratings (TC=25
°C, unless otherwise noted)
Limits
Parameter
Symbol
N-channel
P-channel
Unit
Drain-Source Breakdown Voltage
BVDSS
30
-30
Gate-Source Voltage
VGS
±
20
±
20
V
TA=25
°C, VGS=10V (-10V)
6
-6
Continuous Drain Current *2
TA=70
°C, VGS=10V (-10V)
ID
4.8
-4.8
Pulsed Drain Current
* 1
IDM
30
-30
Single device operation
1.5 *2
Total Power Dissipation
Single device value at dual operation
PD
1.24 *2
A
Operating Junction and Storage Temperature Range
Tj; Tstg
-55~+150
°C
Thermal Data
Parameter
Symbol Value
Unit
Max. Thermal Resistance, Junction-to-ambient, single device operation
84 *2 °C/W
Max. Thermal Resistance, Junction-to-ambient, single device value at dual operation
Rth,j-a
101 *2 °C/W
Note : 1. Pulse width limited by maximum junction temperature.
2. Surface mounted on a 1 in² pad of 2oz copper, t≤5s. In practice Rth,j-a will be determined by customer’s PCB characteristics.
216°C/W when mounted on a minimum pad of 2 oz. copper.
N-Channel Electrical Characteristics (Tc=25
°C, unless otherwise specified)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
30
-
-
VGS=0V, ID=250μA
VGS(th)
1
1.8
2.5
V
VDS=VGS, ID=250μA
IGSS
-
-
±100
nA
VGS=±20V, VDS=0V
-
-
1
VDS=30V, VGS=0V
IDSS
-
-
10
μA
VDS=24V, VGS=0V, Tj=70
°C
-
16
23
VGS=10V, ID=6A
*RDS(ON)
-
28
40
m
Ω
VGS=4.5V, ID=4A
*GFS
-
7
-
S
VDS=5V, ID=6A
Dynamic
Ciss
-
758
-
Coss
-
55
-
Crss
-
61
-
pF
VDS=20V
, VGS=0V, f=1MHz
*td(ON)
-
8
-
*tr
-
7
-
*td(OFF)
-
24
-
*tf
-
13
-
ns
VDS=15V
, ID=1A, VGS=10V, RG=6Ω
*Qg
-
11
-
*Qgs
-
2.9
-
*Qgd
-
3.2
-
nC
VDS=15V
, ID=6A, VGS=10V
Body Diode
*VSD
-
0.78
1.2
V
VGS=0V, IS=2.3A
*trr
-
29
-
ns
*Qrr
-
10
-
nC
IS=5A, VGS=0V, dI/dt=100A/μs
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Similar Part No. - MTC8404V8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC8402S6R CYSTEKEC-MTC8402S6R Datasheet
356Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results

Similar Description - MTC8404V8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC2402Q8 CYSTEKEC-MTC2402Q8 Datasheet
382Kb / 13P
   P-Channel Logic Level Enhancement Mode MOSFET
MTC1016S6R CYSTEKEC-MTC1016S6R Datasheet
363Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P1203EEA UNIKC-P1203EEA Datasheet
910Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5B7BA UNIKC-PE5B7BA Datasheet
906Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5A1BA UNIKC-PE5A1BA Datasheet
886Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE537BA UNIKC-PE537BA Datasheet
536Kb / 5P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5A1BA UNIKC-PK5A1BA Datasheet
813Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
P5103EMG UNIKC-P5103EMG Datasheet
761Kb / 8P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5B3BA UNIKC-PK5B3BA Datasheet
818Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTC2590V8 CYSTEKEC-MTC2590V8 Datasheet
418Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
PK501BA UNIKC-PK501BA Datasheet
810Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com