Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTC4506J4 Datasheet(PDF) 4 Page - Cystech Electonics Corp.

Part # MTC4506J4
Description  N & P-Channel Enhancement Mode Power MOSFET
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC4506J4 Datasheet(HTML) 4 Page - Cystech Electonics Corp.

  MTC4506J4 Datasheet HTML 1Page - Cystech Electonics Corp. MTC4506J4 Datasheet HTML 2Page - Cystech Electonics Corp. MTC4506J4 Datasheet HTML 3Page - Cystech Electonics Corp. MTC4506J4 Datasheet HTML 4Page - Cystech Electonics Corp. MTC4506J4 Datasheet HTML 5Page - Cystech Electonics Corp. MTC4506J4 Datasheet HTML 6Page - Cystech Electonics Corp. MTC4506J4 Datasheet HTML 7Page - Cystech Electonics Corp. MTC4506J4 Datasheet HTML 8Page - Cystech Electonics Corp. MTC4506J4 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CYStech Electronics Corp.
Spec. No. : C780J4
Issued Date : 2014.01.16
Revised Date :
Page No. : 4/13
MTC4506J4
CYStek Product Specification
Q1, N-CH Typical Characteristics
Typical Output Characteristics
0
5
10
15
20
25
30
012
345
VDS, Drain-Source Voltage(V)
3V
VGS=2V
10V, 9V, 8V, 7V, 6V, 5V,4V
Brekdown Voltage vs Ambient Temperature
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=250μA,
VGS=0V
Static Drain-Source On-State resistance vs Drain Current
10
100
1000
0.01
0.1
1
10
100
ID, Drain Current(A)
VGS=10V
VGS=2.5V
VGS=3V
VGS=4.5V
Reverse Drain Current vs Source-Drain Voltage
0.2
0.4
0.6
0.8
1
1.2
02468
1
IDR, Reverse Drain Current(A)
0
Tj=25°C
Tj=150°C
Static Drain-Source On-State Resistance vs Gate-Source
Voltage
0
10
20
30
40
50
60
70
80
90
100
02
4
6
8
10
Drain-Source On-State Resistance vs Junction Tempearture
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
2.2
2.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
VGS=10V, ID=5A
RDS(ON)@Tj=25°C : 25.5mΩ typ.
VGS, Gate-Source Voltage(V)
ID=5A


Similar Part No. - MTC4506J4

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC4506Q8 CYSTEKEC-MTC4506Q8 Datasheet
380Kb / 12P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
MTC4506Q8 DOINGTER-MTC4506Q8 Datasheet
3Mb / 7P
   N-Chanel and P-Channel MOSFET use advanced trench technology
More results

Similar Description - MTC4506J4

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTD5D0C03J4 CYSTEKEC-MTD5D0C03J4 Datasheet
513Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTD120C10J4 CYSTEKEC-MTD120C10J4 Datasheet
454Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTC3504BJ4 CYSTEKEC-MTC3504BJ4 Datasheet
312Kb / 11P
   N & P-Channel Enhancement Mode Power MOSFET
logo
Shenzhen Tuofeng Semico...
TF20NP03N TUOFENG-TF20NP03N Datasheet
1Mb / 8P
   N P-CHANNEL ENHANCEMENT MODE POWER MOSFET
May 2022V1.0
logo
Cystech Electonics Corp...
MTBA6C15J4 CYSTEKEC-MTBA6C15J4 Datasheet
455Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
MTD120C10KJ4 CYSTEKEC-MTD120C10KJ4 Datasheet
358Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
MTB20C03J4 CYSTEKEC-MTB20C03J4 Datasheet
363Kb / 13P
   N & P-Channel Enhancement Mode Power MOSFET
logo
Shenzhen Tuofeng Semico...
TF32324 TUOFENG-TF32324 Datasheet
3Mb / 7P
   NP Channel Enhancement Mode Power MOSFET
Dec,2020 V1.0
TF25NP03M TUOFENG-TF25NP03M Datasheet
2Mb / 8P
   N P-CHANNEL ENHANCEMENT MODE POWER MOSFET
May 2022 V1.0
logo
Cystech Electonics Corp...
MTBA6C12J4 CYSTEKEC-MTBA6C12J4 Datasheet
437Kb / 13P
   N P-Channel Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com