Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RB1-125BAG1A Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # RB1-125BAG1A
Description  MECHANICAL DIMENSION
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

RB1-125BAG1A Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  RB1-125BAG1A Datasheet HTML 1Page - List of Unclassifed Manufacturers RB1-125BAG1A Datasheet HTML 2Page - List of Unclassifed Manufacturers RB1-125BAG1A Datasheet HTML 3Page - List of Unclassifed Manufacturers RB1-125BAG1A Datasheet HTML 4Page - List of Unclassifed Manufacturers RB1-125BAG1A Datasheet HTML 5Page - List of Unclassifed Manufacturers RB1-125BAG1A Datasheet HTML 6Page - List of Unclassifed Manufacturers RB1-125BAG1A Datasheet HTML 7Page - List of Unclassifed Manufacturers RB1-125BAG1A Datasheet HTML 8Page - List of Unclassifed Manufacturers RB1-125BAG1A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Spec No. : RB1111-00
RB1-125BAG1A
2. REQUIREMENTS
2.1 Design and Construction
g
2.2 Material
Product shall be of design, construction and physical dimensions specified
on applicable.
2.2.1 Terminal Parts (Underplating : 30μ" min. Nickel overall)
2.2.1.1 RJ Terminal : PH. Bronze, Thickness=0.30mm
Finish : Contact Area :Gold Flash
2.2.1.2 Input Terminal : Brass, Thickness=0.35mm
Finish : 100μ" min. Tin
2.2.1.3 Case Terminal : Brass, Thickness=0.30mm
Finish : 100μ" min. Tin
2.2.2 Plastic Parts <UL94V-0>
2.2.2.1 Housing : High Temperature Thermoplastic, Black
2.2.2.2 Case : High Temperature Thermoplastic, Black
2.2.3 Shield Parts : Stainless, Thickness=0.20mm, Pre-soldering
www.ude-corp.com
- 4 -


Similar Part No. - RB1-125BAG1A

ManufacturerPart #DatasheetDescription
logo
GREATECS
RB1 GREATECS-RB1 Datasheet
954Kb / 1P
   Rotary Switches
logo
List of Unclassifed Man...
RB10-X331 ETC2-RB10-X331 Datasheet
633Kb / 14P
   Absorbing impact and noise
RB1006 ETC2-RB1006 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
RB1007 ETC2-RB1007 Datasheet
244Kb / 2P
   It denotes the values at the maximum energy absorption per one cycle.
logo
Allied Components Inter...
RB1010 ALLIED-RB1010 Datasheet
363Kb / 1P
   Radial Bobbin Inductors
More results

Similar Description - RB1-125BAG1A

ManufacturerPart #DatasheetDescription
logo
XFMRS Inc.
XFATM2E-CAXU1-1SP XFMRS-XFATM2E-CAXU1-1SP Datasheet
28Kb / 1P
   MECHANICAL DIMENSION
logo
First Components Intern...
FTC12A60F FCI-FTC12A60F Datasheet
508Kb / 1P
   MECHANICAL DIMENSION
logo
New Jersey Semi-Conduct...
1N144 NJSEMI-1N144 Datasheet
82Kb / 1P
   MECHANICAL
logo
AZ Displays
AGM6448C AZDISPLAYS-AGM6448C Datasheet
531Kb / 13P
   MECHANICAL DATA
AGM3224S AZDISPLAYS-AGM3224S Datasheet
520Kb / 16P
   MECHANICAL DATA
logo
Vishay Siliconix
110E VISHAY-110E Datasheet
143Kb / 3P
   Mechanical Encoder
Revision: 05-Aug-04
logo
Motorola, Inc
MC68HC05F4 MOTOROLA-MC68HC05F4 Datasheet
12Kb / 2P
   MECHANICAL DATA
logo
AZ Displays
ACM4004C AZDISPLAYS-ACM4004C Datasheet
515Kb / 13P
   MECHANICAL DATA
AGM1232D AZDISPLAYS-AGM1232D Datasheet
580Kb / 12P
   MECHANICAL DATA
logo
List of Unclassifed Man...
KA1080-2 ETC2-KA1080-2 Datasheet
1Mb / 8P
   Mechanical accessories
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com