Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTC1016S6R Datasheet(PDF) 2 Page - Cystech Electonics Corp.

Part # MTC1016S6R
Description  P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTC1016S6R Datasheet(HTML) 2 Page - Cystech Electonics Corp.

  MTC1016S6R Datasheet HTML 1Page - Cystech Electonics Corp. MTC1016S6R Datasheet HTML 2Page - Cystech Electonics Corp. MTC1016S6R Datasheet HTML 3Page - Cystech Electonics Corp. MTC1016S6R Datasheet HTML 4Page - Cystech Electonics Corp. MTC1016S6R Datasheet HTML 5Page - Cystech Electonics Corp. MTC1016S6R Datasheet HTML 6Page - Cystech Electonics Corp. MTC1016S6R Datasheet HTML 7Page - Cystech Electonics Corp. MTC1016S6R Datasheet HTML 8Page - Cystech Electonics Corp. MTC1016S6R Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C392S6R
Issued Date : 2013.08.01
Revised Date :
Page No. : 2/ 12
MTC1016S6R
CYStek Product Specification
Thermal Performance
Parameter
Symbol
Limit
Unit
Thermal Resistance, Junction-to-Ambient(PCB mounted) (Note)
Rth,ja
415
°C/W
Note : Surface mounted on minimum pad of FR-4 board, t≤5s.
N-Channel Electrical Characteristics (Tj=25
°C, unless otherwise noted)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Static
BVDSS
20
-
-
VGS=0, ID=250μA
VGS(th)
0.5
0.8
1.2
V
VDS=VGS, ID=250μA
IGSS
-
-
±
5
VGS=±8V, VDS=0
-
-
1
VDS=20V, VGS=0
IDSS
-
-
10
μA
VDS=16V, VGS=0 (Tj=70°C)
-
0.30
0.40
VGS=4.5V, ID=600mA
-
0.43
0.56
VGS=2.5V, ID=400mA
*RDS(ON)
-
0.63
0.82
Ω
VGS=1.8V, ID=350mA
*GFS
-
1.1
-
S
VDS=10V, ID=400mA
Dynamic
Ciss
-
58.5
-
Coss
-
12.3
-
Crss
-
7.8
-
pF
VDS=16V, VGS=0, f=1MHz
td(ON)
-
6
-
tr
-
6
-
td(OFF)
-
26
-
tf
-
20
-
ns
VDS=10V, ID=250mA, VGS=4.5V, RG=10Ω
Qg
-
0.79
-
Qgs
-
0.09
-
Qgd
-
0.27
-
nC
VDS=10V, ID=250mA, VGS=4.5V
Source-Drain Diode
*IS
-
-
0.82
*ISM
-
-
3.4
A
*VSD
-
0.75
1.0
V
VGS=0V, IS=150mA
*Pulse Test : Pulse Width
≤300μs, Duty Cycle≤2%


Similar Part No. - MTC1016S6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC1016C6 CYSTEKEC-MTC1016C6 Datasheet
743Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
MTC1016C6-0-T1-G CYSTEKEC-MTC1016C6-0-T1-G Datasheet
743Kb / 12P
   N- AND P-Channel Enhancement Mode MOSFET
More results

Similar Description - MTC1016S6R

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTC2402Q8 CYSTEKEC-MTC2402Q8 Datasheet
382Kb / 13P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P1203EEA UNIKC-P1203EEA Datasheet
910Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5B7BA UNIKC-PE5B7BA Datasheet
906Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5A1BA UNIKC-PE5A1BA Datasheet
886Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE537BA UNIKC-PE537BA Datasheet
536Kb / 5P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5A1BA UNIKC-PK5A1BA Datasheet
813Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
P5103EMG UNIKC-P5103EMG Datasheet
761Kb / 8P
   P-Channel Logic Level Enhancement Mode MOSFET
PK5B3BA UNIKC-PK5B3BA Datasheet
818Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Cystech Electonics Corp...
MTC2590V8 CYSTEKEC-MTC2590V8 Datasheet
418Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
PK501BA UNIKC-PK501BA Datasheet
810Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com