Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MTBA5Q10Q8 Datasheet(PDF) 9 Page - Cystech Electonics Corp.

Part # MTBA5Q10Q8
Description  2P-Channel Logic Level Enhancement Mode MOSFET
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTBA5Q10Q8 Datasheet(HTML) 9 Page - Cystech Electonics Corp.

Back Button MTBA5Q10Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTBA5Q10Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTBA5Q10Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTBA5Q10Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTBA5Q10Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTBA5Q10Q8 Datasheet HTML 9Page - Cystech Electonics Corp. MTBA5Q10Q8 Datasheet HTML 10Page - Cystech Electonics Corp. MTBA5Q10Q8 Datasheet HTML 11Page - Cystech Electonics Corp. MTBA5Q10Q8 Datasheet HTML 12Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
CYStech Electronics Corp.
Spec. No. : C934Q8
Issued Date : 2013.10.01
Revised Date : 2013.10.03
Page No. : 9/12
MTBA5Q10Q8
CYStek Product Specification
Typical Characteristics(Cont.) : Q2(P-channel)
Single Pulse Power Rating, Junction to Ambient
(Note on page 2)
1
10
100
1000
0.001
0.01
0.1
1
10
100
1000
Pulse Width(s)
TJ(MAX)=175°C
TA=25°C
θJA=90°C/W
Transient Thermal Response Curves
0.001
0.01
0.1
1
1.E-04
1.E-03
1.E-02
1.E-01
1.E+00
1.E+01
1.E+02
1.E+03
t1, Square Wave Pulse Duration(s)
Single Pulse
0.01
0.02
0.05
0.1
0.2
D=0.5
1.RθJA(t)=r(t)*RθJA
2.Duty Factor, D=t1/t2
3.TJM-TA=PDM*RθJA(t)
4.RθJA=90°C/W


Similar Part No. - MTBA5Q10Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTBA5A10Q8 CYSTEKEC-MTBA5A10Q8 Datasheet
361Kb / 8P
   Dual N-Channel Logic Level Enhancement Mode Power MOSFET
MTBA5C10AQ8 CYSTEKEC-MTBA5C10AQ8 Datasheet
381Kb / 12P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10H8 CYSTEKEC-MTBA5C10H8 Datasheet
535Kb / 13P
   N- AND P-Channel Enhancement Mode MOSFET
MTBA5C10Q8 CYSTEKEC-MTBA5C10Q8 Datasheet
350Kb / 10P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
MTBA5C10V8 CYSTEKEC-MTBA5C10V8 Datasheet
520Kb / 13P
   N- AND P-Channel Logic Level Enhancement Mode MOSFET
More results

Similar Description - MTBA5Q10Q8

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
MTN7478Q8 CYSTEKEC-MTN7478Q8 Datasheet
392Kb / 9P
   N-Channel Logic Level Enhancement Mode MOSFET
MTC2402Q8 CYSTEKEC-MTC2402Q8 Datasheet
382Kb / 13P
   P-Channel Logic Level Enhancement Mode MOSFET
MTC1016S6R CYSTEKEC-MTC1016S6R Datasheet
363Kb / 12P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
P1203EEA UNIKC-P1203EEA Datasheet
910Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE5B7BA UNIKC-PE5B7BA Datasheet
906Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
logo
Leshan Radio Company
LN7303DT1WG LRC-LN7303DT1WG Datasheet
509Kb / 5P
   N-Channel Logic Level Enhancement Mode MOSFET
LN73023DT1WG LRC-LN73023DT1WG Datasheet
1Mb / 6P
   N-Channel Logic Level Enhancement Mode MOSFET
LNB8303DT0AG LRC-LNB8303DT0AG Datasheet
849Kb / 6P
   N-Channel Logic Level Enhancement Mode MOSFET
logo
Wuxi U-NIKC Semiconduct...
PE5A1BA UNIKC-PE5A1BA Datasheet
886Kb / 9P
   P-Channel Logic Level Enhancement Mode MOSFET
PE537BA UNIKC-PE537BA Datasheet
536Kb / 5P
   P-Channel Logic Level Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com