Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70216-0089 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 70216-0089
Description  2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 24
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

70216-0089 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  70216-0089 Datasheet HTML 1Page - Molex Electronics Ltd. 70216-0089 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
This document was generated on 01/17/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
10-88-3241
Status:
Active
Overview:
C-Grid® Products
Description:
2.54mm Pitch C-Grid® Breakaway Header, High Profile, Dual Row, Right Angle, 24
Circuits, 6.10mm Mating Pin Length, Tin (Sn) Plating
Documents:
3D Model
Product Specification PS-70216 (PDF)
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Agency Certification
CSA
LR19980
UL
E29179
General
Product Family
PCB Headers
Series
70216
Application
Board-to-Board, Signal, Wire-to-Board
Overview
C-Grid® Products
Product Name
C-Grid®
UPC
800753198661
Physical
Breakaway
Yes
Circuits (Loaded)
24
Circuits (maximum)
24
Color - Resin
Black
Durability (mating cycles max)
25
Flammability
94V-0
Glow-Wire Compliant
No
Lock to Mating Part
None
Material - Metal
Brass, Phosphor Bronze
Material - Plating Mating
Tin
Material - Plating Termination
Tin
Material - Resin
Polyester
Net Weight
2.146/g
Number of Rows
2
Orientation
Right Angle
PC Tail Length
2.79mm
PCB Locator
No
PCB Retention
None
Packaging Type
Tube
Pitch - Mating Interface
2.54mm
Plating min - Mating
3.810µm
Plating min - Termination
3.810µm
Polarized to Mating Part
No
Polarized to PCB
No
Shrouded
No
Stackable
Yes
Temperature Range - Operating
-40°C to +105°C
Termination Interface: Style
Through Hole
Electrical
Current - Maximum per Contact
3A
Voltage - Maximum
250V
Solder Process Data
Series
image - Reference only
EU RoHS
China RoHS
ELV and RoHS
Compliant
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
70216Series


Similar Part No. - 70216-0089

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
70216-0089 MOLEX1-70216-0089 Datasheet
130Kb / 6P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 24 Circuits, 6.10mm (.240") Mating Pin Length, Tin (Sn) Plating
More results

Similar Description - 70216-0089

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
10-89-4246 MOLEX11-10-89-4246 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 24
10-89-4242 MOLEX11-10-89-4242 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 24
0717640030 MOLEX8-0717640030 Datasheet
131Kb / 5P
   2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right Angle,2.54mm (.100") Pitch C-Grid짰 Breakaway Header, Low Profile, Dual Row, Right Angle,
10-89-4186 MOLEX11-10-89-4186 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 18
10-89-4082 MOLEX11-10-89-4082 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 8
10-89-4086 MOLEX11-10-89-4086 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 8
10-88-3141 MOLEX11-10-88-3141 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 14
10-89-4042 MOLEX11-10-89-4042 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 4
10-89-4126 MOLEX11-10-89-4126 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 12
10-89-4142 MOLEX11-10-89-4142 Datasheet
53Kb / 2P
   2.54mm Pitch C-Grid짰 Breakaway Header, High Profile, Dual Row, Right Angle, 14
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com