Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LNK302 Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # LNK302
Description  Lowest Component Count, Energy-Efficient Off-Line Switcher IC
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

LNK302 Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button LNK302 Datasheet HTML 5Page - Power Integrations, Inc. LNK302 Datasheet HTML 6Page - Power Integrations, Inc. LNK302 Datasheet HTML 7Page - Power Integrations, Inc. LNK302 Datasheet HTML 8Page - Power Integrations, Inc. LNK302 Datasheet HTML 9Page - Power Integrations, Inc. LNK302 Datasheet HTML 10Page - Power Integrations, Inc. LNK302 Datasheet HTML 11Page - Power Integrations, Inc. LNK302 Datasheet HTML 12Page - Power Integrations, Inc. LNK302 Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Rev. J 06/13
9
LNK302/304-306
www.powerint.com
Absolute Maximum Ratings(1,5)
DRAIN Pin Voltage.............................................. -0.3 V to 700 V
DRAIN Pin Peak Current: LNK302...................... 200 (375) mA(2)
LNK304...................... 400 (750) mA(2)
LNK305.................... 800 (1500) mA(2)
LNK306.................. 1400 (2600) mA(2)
FEEDBACK Pin Voltage .......................................... -0.3 V to 9 V
FEEDBACK Pin Current................................................. 100 mA
BYPASS Pin Voltage............................................... -0.3 V to 9 V
Storage Temperature ..................................... -65 °C to 150 °C
Operating Junction Temperature(3) .................. -40 °C to 150 °C
Lead Temperature(4) .........................................................260 °C
Notes:
1. All voltages referenced to SOURCE, T
A = 25 °C.
2. The higher peak DRAIN current is allowed if the DRAIN
to SOURCE voltage does not exceed 400 V.
3. Normally limited by internal circuitry.
4. 1/16 in. from case for 5 seconds.
5. Maximum ratings specified may be applied, one at a time,
without causing permanent damage to the product.
Exposure to Absolute Maximum Rating conditions for
extended periods of time may affect product reliability.
Thermal Resistance
Thermal Resistance: P or G Package:
(
q
JA) ................................ 70 °C/W
(3)
; 60 °C/W(4)
(
q
JC)
(1)
.................................................11 °C/W
D Package:
(
q
JA) .............................. 100 °C/W
(3)
; 80 °C/W(4)
(
q
JC)
(2)
.................................................30 °C/W
Notes:
1. Measured on pin 2 (SOURCE) close to plastic interface.
2. Measured on pin 8 (SOURCE) close to plastic interface.
3. Soldered to 0.36 sq. in. (232 mm2), 2 oz. (610 g/m2) copper clad.
4. Soldered to 1 sq. in. (645 mm2), 2 oz. (610 g/m2) copper clad.
Parameter
Symbol
Conditions
SOURCE = 0 V; T
J = -40 to 125 °C
See Figure 7
(Unless Otherwise Specified)
Min
Typ
Max
Units
Control Functions
Output
Frequency
f
OSC
T
J = 25 °C
Average
62
66
70
kHz
Peak-Peak Jitter
4
Maximum Duty Cycle
DC
MAX
S2 Open
66
69
72
%
FEEDBACK Pin Turnoff
Threshold Current
I
FB
T
J = 25 °C
30
49
68
mA
FEEDBACK Pin Voltage
at Turnoff Threshold
V
FB
1.54
1.65
1.76
V
DRAIN Pin
Supply Current
I
S1
V
FB ≥2 V
(MOSFET Not Switching)
See Note A
160
220
mA
I
S2
FEEDBACK Open
(MOSFET
Switching)
See Notes A, B
LNK302/304
200
260
mA
LNK305
220
280
LNK306
250
310
BYPASS Pin
Charge Current
I
CH1
V
BP = 0 V
T
J = 25 °C
LNK302/304
-5.5
-3.3
-1.8
mA
LNK305/306
-7.5
-4.6
-2.5
I
CH2
V
BP = 4 V
T
J = 25 °C
LNK302/304
-3.8
-2.3
-1.0
LNK305/306
-4.5
-3.3
-1.5


Similar Part No. - LNK302

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302 Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
1Mb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
More results

Similar Description - LNK302

ManufacturerPart #DatasheetDescription
logo
Power Integrations, Inc...
LNK302 POWERINT-LNK302_08 Datasheet
712Kb / 20P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302 Datasheet
867Kb / 16P
   Lowest Component Count, Energy Efficient Off-Line Switcher IC
LNK302DN-TL POWERINT-LNK302DN-TL Datasheet
1Mb / 18P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
LNK302 POWERINT-LNK302_V01 Datasheet
1Mb / 19P
   Lowest Component Count, Energy-Efficient Off-Line Switcher IC
December 2021
LNK304DN POWERINT-LNK304DN Datasheet
711Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK305GN POWERINT-LNK305GN Datasheet
717Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
FERYSTER Inductive Comp...
LNK302 FERYSTER-LNK302 Datasheet
761Kb / 20P
   Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
logo
Power Integrations, Inc...
LNK306DN-TL POWERINT-LNK306DN-TL Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302GN POWERINT-LNK302GN Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
LNK302P POWERINT-LNK302P Datasheet
712Kb / 20P
   LinkSwitch-TN Family Lowest Component Count, Energy-Effi cient Off-Line Switcher IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com