Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OVS5MWWBCR4 Datasheet(PDF) 1 Page - OPTEK Technologies

Part # OVS5MWWBCR4
Description  Mini half-watt SMD 3.5mm (120째 Viewing Angle)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPTEK [OPTEK Technologies]
Direct Link  http://www.optekinc.com
Logo OPTEK - OPTEK Technologies

OVS5MWWBCR4 Datasheet(HTML) 1 Page - OPTEK Technologies

  OVS5MWWBCR4 Datasheet HTML 1Page - OPTEK Technologies OVS5MWWBCR4 Datasheet HTML 2Page - OPTEK Technologies OVS5MWWBCR4 Datasheet HTML 3Page - OPTEK Technologies OVS5MWWBCR4 Datasheet HTML 4Page - OPTEK Technologies OVS5MWWBCR4 Datasheet HTML 5Page - OPTEK Technologies OVS5MWWBCR4 Datasheet HTML 6Page - OPTEK Technologies OVS5MWWBCR4 Datasheet HTML 7Page - OPTEK Technologies OVS5MWWBCR4 Datasheet HTML 8Page - OPTEK Technologies OVS5MWWBCR4 Datasheet HTML 9Page - OPTEK Technologies Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
OPTEK reserves the right to make changes at any time in order to improve design and to supply the best product possible.
Issue C 10/2011
Page 1 of 11
OPTEK Technology Inc. — 1645 Wallace Drive, Carrollton, Texas 75006
Phone: (972) 323-2200 or (800) 341-4747 FAX: (972) 323-2396 visibleLED@optekinc.com www.optekinc.com
Mini half-watt SMD 3.5mm
(120°Viewing Angle)
OVS5MxBCR4 Series
Compact Package Outline of 3.5 x 3.5 x 1.2 mm
Robust energy-efficient design with long operating life
Low thermal resistance
Exceptional spatial uniformity
Compatible to IR reflow soldering
High Lumens output
The mini-half watt is an energy-efficient packaged LED source that offers high luminance, and a long
operating lifespan. This device offers a 120°view ing angle and an ultra-low profile (1.2 mm) making it highly
suitable for conventional lighting and specialized applications.
Applications
Automotive exterior and interior lighting
Architectural indoor and outdoor lighting
General lighting
Display Backlighting
Electronic signs and signals
Part Number
Viewing
Angle
Emitted
Color
Typ. Luminous
Flux (lm)
Forward Voltage
VF
Power Dissipation
@ 150 mA
Lens Color
OVS5MWBCR4
120
White
30
3.4
0.51 W
OVS5MWWBCR4
Warm
White
30
3.6
0.54 W
OVS5MBBCR4
Blue
6
3.4
0.51 W
OVS5MGBCR4
Green
22
3.4
0.51 W
Clear
Part Number
Viewing
Angle
Emitted
Color
Typ. Luminous
Intensity (mcd)
Forward Voltage
VF
Power Dissipation
@ 150 mA
Lens Color
OVS5MRBCR4
120
Red
7150
2.2
0.33 W00.33
OVS5MABCR4
Amber
7150
2.2
0.33 W
OVS5MYBCR4
Yellow
7150
2.2
0.33 W
Clear
RoHS
2a
Moisture
DO NOT LOOK DIRECTLY
AT LED WITH UNSHIELDED
EYES OR DAMAGE TO
RETINA MAY OCCUR.


Similar Part No. - OVS5MWWBCR4

ManufacturerPart #DatasheetDescription
logo
TT Electronics.
OVS5MWWBCR4 TTELEC-OVS5MWWBCR4 Datasheet
1Mb / 13P
   Low thermal resistance
OVS5MWWBCR4 TTELEC-OVS5MWWBCR4 Datasheet
1Mb / 13P
   Robust energy-efficient design with long operating life
OVS5MWWBCR4 TTELEC-OVS5MWWBCR4 Datasheet
1Mb / 13P
   Low thermal resistance
OVS5MWWBCR4 TTELEC-OVS5MWWBCR4 Datasheet
1,020Kb / 8P
   Robust energy-efficient design with long operating life
More results

Similar Description - OVS5MWWBCR4

ManufacturerPart #DatasheetDescription
logo
OPTEK Technologies
OVSPBBCR4 OPTEK-OVSPBBCR4 Datasheet
559Kb / 11P
   1-Watt SMD 6mm (120째 Viewing Angle)
OVTL09LG3A OPTEK-OVTL09LG3A Datasheet
560Kb / 11P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
TT Electronics.
OVTL09LGAX TTELEC-OVTL09LGAX Datasheet
380Kb / 5P
   10-Watt Lednium SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVS5WBCR4 OPTEK-OVS5WBCR4 Datasheet
472Kb / 7P
   5-Watt SMD 6mm White (120째 Viewing Angle)
OVSRRGBBC9 OPTEK-OVSRRGBBC9 Datasheet
1Mb / 7P
   Full-Color Right-Angle SMD (120째 Viewing Angle)
logo
TT Electronics.
OVSRRGBBC9 TTELEC-OVSRRGBBC9 Datasheet
631Kb / 7P
   Full-Color Right-Angle SMD (120째 Viewing Angle)
logo
OPTEK Technologies
OVSR9WBCR8 OPTEK-OVSR9WBCR8 Datasheet
744Kb / 5P
   White Side-Emitting SMD LED (120째 Viewing Angle)
OVSR9ABCR8 OPTEK-OVSR9ABCR8 Datasheet
1Mb / 4P
   Amber Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9BBCR8 OPTEK-OVSR9BBCR8 Datasheet
1Mb / 4P
   Blue Side-Emitting SMD LED (4 x 4 mm, 120째 Viewing Angle)
OVSR9GBCR8 OPTEK-OVSR9GBCR8 Datasheet
2Mb / 4P
   Green Side-Emitting SMD LED(4 x 4 mm, 120째 Viewing Angle)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com