Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

821-SL45.0M-10C Datasheet(PDF) 3 Page - Oscilent Corporation

Part # 821-SL45.0M-10C
Description  45.0 MHz IF SAW Filter 9.88 MHz Bandwidth
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation

821-SL45.0M-10C Datasheet(HTML) 3 Page - Oscilent Corporation

  821-SL45.0M-10C Datasheet HTML 1Page - Oscilent Corporation 821-SL45.0M-10C Datasheet HTML 2Page - Oscilent Corporation 821-SL45.0M-10C Datasheet HTML 3Page - Oscilent Corporation 821-SL45.0M-10C Datasheet HTML 4Page - Oscilent Corporation 821-SL45.0M-10C Datasheet HTML 5Page - Oscilent Corporation 821-SL45.0M-10C Datasheet HTML 6Page - Oscilent Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Oscilent Part Number
821-SL45.0M-10C
January 2011 Rev A
45.0 MHz IF SAW Filter 9.88 MHz Bandwidth
Product Specification
P. 2
www.oscilent.com
Maximum Ratings
Parameters Description
Unit
Minimum
Typical
Maximum
Operating Temperature Range
°C
0
-
60
Storage Temperature Range
°C
-30
-
80
Maximum DC Voltage
V
-
-
10
Maximum Input Power
dBm
-
-
10
Source Impedance (single ended)
(1)
-
50
-
Load Impedance (single ended)
(1)
-
50
-
Notes: With Matching Network (Ref. Testing Environment Circuit as shown above).
Those impedances could be modified with different impedance values and/or structures, if necessary.
Electrical Specification
Parameters Description
Unit
Minimum
Typical
Maximum
Center Frequency (Fo)
MHz
44.90
45.00
45.10
Insertion Loss at Fo
dB
-
12.6
15.0
Group Delay Variation (Fo±4.5MHz)
ns
-
60
100
Absolute Delay
us
-
1.51
-
Passband Ripple (Fo±4.5MHz)
dB
-
0.45
1.00
Bandwidth at -1dB
MHz
9.80
9.88
-
Bandwidth at -3dB
MHz
-
10.40
-
Bandwidth at -20dB
MHz
-
11.88
-
Bandwidth at -40dB
MHz
-
12.80
13.00
Ultimate Rejection
dB
-
45
-
Temperature coefficient
ppm/
°C
-
-86
-


Similar Part No. - 821-SL45.0M-10C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-SL45.0M-10B OSCILENT-821-SL45.0M-10B Datasheet
415Kb / 6P
   45.0 MHz IF SAW Filter 10.10 MHz Bandwidth
More results

Similar Description - 821-SL45.0M-10C

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-SL45.0M-10B OSCILENT-821-SL45.0M-10B Datasheet
415Kb / 6P
   45.0 MHz IF SAW Filter 10.10 MHz Bandwidth
813-SL45.0M-13A OSCILENT-813-SL45.0M-13A Datasheet
215Kb / 6P
   45.0 MHz IF SAW Filter 13.80 MHz Bandwidth
821-IF45.0M-10A OSCILENT-821-IF45.0M-10A Datasheet
222Kb / 6P
   45.0 MHz IF SAW Filter 10.0 MHz Bandwidth
logo
Transko Electronics, In...
TA04510AD1 TRANSKO-TA04510AD1 Datasheet
517Kb / 4P
   45.0 MHz IF SAW Filter / 10.0 MHz Bandwidth
Revision 0: 19. May 2008
logo
Oscilent Corporation
809-SL108.4M-02A OSCILENT-809-SL108.4M-02A Datasheet
224Kb / 6P
   108.40 MHz IF SAW Filter 3.20 MHz Bandwidth
820-IF70.0M-Y OSCILENT-820-IF70.0M-Y_14 Datasheet
225Kb / 4P
   70.0 MHz IF SAW Filter 11.9 MHz Bandwidth
820-IF75.0M-A OSCILENT-820-IF75.0M-A_14 Datasheet
238Kb / 4P
   75.0 MHz IF SAW Filter 1.0 MHz Bandwidth
813-SL70.0M-13A OSCILENT-813-SL70.0M-13A Datasheet
343Kb / 9P
   70.0 MHz IF SAW Filter 13.96 MHz Bandwidth
813-SL140.0M-77A OSCILENT-813-SL140.0M-77A Datasheet
237Kb / 6P
   140.0 MHz IF SAW Filter 77.3 MHz Bandwidth
821-IF265.0M-30A OSCILENT-821-IF265.0M-30A Datasheet
225Kb / 6P
   265.0 MHz IF SAW Filter 30.21 MHz Bandwidth
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com