Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NJM79L15UA-TE1 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # NJM79L15UA-TE1
Description  3-TERMINAL NEGATIVE VOLTAGE REGULATOR
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

NJM79L15UA-TE1 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  NJM79L15UA-TE1 Datasheet HTML 1Page - List of Unclassifed Manufacturers NJM79L15UA-TE1 Datasheet HTML 2Page - List of Unclassifed Manufacturers NJM79L15UA-TE1 Datasheet HTML 3Page - List of Unclassifed Manufacturers NJM79L15UA-TE1 Datasheet HTML 4Page - List of Unclassifed Manufacturers NJM79L15UA-TE1 Datasheet HTML 5Page - List of Unclassifed Manufacturers NJM79L15UA-TE1 Datasheet HTML 6Page - List of Unclassifed Manufacturers NJM79L15UA-TE1 Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NJM79L00
- 4 -
Ver.2012-05-30
■ ELECTRICAL CHARACTERISTICS (CIN=0.33µF, CO=1.0µF, Tj=25ºC)
Measurement is to be conducted in pulse testing.
PARAMETER
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
NJM79L15UA
Output Voltage
VO
VIN
=-23V, I0=40mA
-14.4
-15.0
-15.6
V
Line Regulation
∆VO- VIN
VIN
=-17.5 to -30V, IO=40mA
-
45
300
mV
Load Regulation
∆VO - IO
VIN
=-23V, IO=1 to 100mA
-
20
150
mV
Quiescent Current
IQ
VIN
=-23V, IO=0mA
-
3.5
6.5
mA
Ripple Rejection
RR
VIN
=-18.5 to -28.5V, IO=40mA, ein=1VP-P, f=120Hz
34
63
-
dB
Output Noise Voltage
VNO
VIN
=-23V, BW=10Hz to 100kHz, IO=40mA
-
340
-
µV
NJM79L18UA
Output Voltage
VO
VIN
=-27V, I0=40mA
-17.3
-18.0
-18.7
V
Line Regulation
∆VO- VIN
VIN
=-20.7 to -33V, IO=40mA
-
54
325
mV
Load Regulation
∆VO - IO
VIN
=-27V, IO=1 to 100mA
-
23
170
mV
Quiescent Current
IQ
VIN
=-27V, IO=0mA
-
3.5
6.5
mA
Ripple Rejection
RR
VIN
=-23 to -33V, IO=40mA, ein=1VP-P, f=120Hz
33
60
-
dB
Output Noise Voltage
VNO
VIN
=-27V, BW=10Hz to 100kHz, IO=40mA
-
410
-
µV
NJM79L24UA
Output Voltage
VO
VIN
=-33V, I0=40mA
-23.0
-24.0
-25.0
V
Line Regulation
∆VO- VIN
VIN
=-27 to -38V, IO=40mA
-
72
350
mV
Load Regulation
∆VO - IO
VIN
=-33V, IO=1 to 100mA
-
30
200
mV
Quiescent Current
IQ
VIN
=-33V, IO=0mA
-
3.5
6.5
mA
Ripple Rejection
RR
VIN
=-29 to -35V, IO=40mA, ein=1VP-P, f=120Hz
31
55
-
dB
Output Noise Voltage
VNO
VIN
=-33V, BW=10Hz to 100kHz, IO=40mA
-
550
-
µV
■ SOT-89 MARK
(1) 9: Negative Output
(2) Vo Rank
(3) The end of A. D.
(4) Production Month
Oct. ···X
Nov. ···Y
Dec. ···Z
(1)
(2)
NJM79L03UA
9
B
NJM79L05UA
9
C
NJM79L06UA
9
E
NJM79L08UA
9
G
NJM79L09UA
9
H
NJM79L12UA
9
K
NJM79L15UA
9
L
NJM79L18UA
9
M
NJM79L24UA
9
P


Similar Part No. - NJM79L15UA-TE1

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM79L15UA NJRC-NJM79L15UA Datasheet
200Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results

Similar Description - NJM79L15UA-TE1

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SJ79XX SECOS-SJ79XX Datasheet
457Kb / 5P
   3-Terminal Negative Voltage Regulator
SM79L06 SECOS-SM79L06 Datasheet
340Kb / 2P
   3-Terminal Negative Voltage Regulator
SM79L18 SECOS-SM79L18 Datasheet
356Kb / 2P
   3-Terminal Negative Voltage Regulator
SI79XXA SECOS-SI79XXA Datasheet
466Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
New Japan Radio
NJM7906FA NJRC-NJM7906FA Datasheet
426Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL7909XE3 CYSTEKEC-PL7909XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7915XE3 CYSTEKEC-PL7915XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
PL7908XE3 CYSTEKEC-PL7908XE3 Datasheet
149Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S79LXX SECOS-S79LXX Datasheet
720Kb / 5P
   3-Terminal Negative Voltage Regulator
logo
Cystech Electonics Corp...
PL7905XE3 CYSTEKEC-PL7905XE3 Datasheet
144Kb / 4P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
List of Unclassifed Man...
NJM79L05UA-TE1 ETC2-NJM79L05UA-TE1 Datasheet
246Kb / 7P
   3-TERMINAL NEGATIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com